Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD25 Datasheet(PDF) 8 Page - CUI INC

Part # PRD25
Description  DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25 Datasheet(HTML) 8 Page - CUI INC

Back Button PRD25 Datasheet HTML 4Page - CUI INC PRD25 Datasheet HTML 5Page - CUI INC PRD25 Datasheet HTML 6Page - CUI INC PRD25 Datasheet HTML 7Page - CUI INC PRD25 Datasheet HTML 8Page - CUI INC PRD25 Datasheet HTML 9Page - CUI INC PRD25 Datasheet HTML 10Page - CUI INC PRD25 Datasheet HTML 11Page - CUI INC PRD25 Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
cui.com
date 05/20/2016
│ page 8 of 13
CUI Inc
│ SERIES: PRD25 │ DESCRIPTION: DC-DC CONVERTER
7
12
17
22
27
32
37
42
47
52
57
62
67
72
77
82
87
92
0.20.7
1.21.7
2.22.7
3.2
3.7
4.24.7
5.2
5.7
6.2
6.7
7.2
7.7
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 75V
Load Current (Amps)
EFFICIENCY CURVES
PRD25-D48-S3EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
1.01.4
1.82.2
2.63.0
3.4
3.8
4.24.6
5.0
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 75V
Load Current (Amps)
PRD25-D48-S5EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
78
79
80
81
82
83
84
85
86
87
88
89
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 75V
Load Current (Amps)
0.4
0.6
0.8
0.9
1.1
1.3
1.4
1.6
1.8
1.9
2.1
PRD25-D48-S12EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com