Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD25 Datasheet(PDF) 7 Page - CUI INC

Part # PRD25
Description  DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25 Datasheet(HTML) 7 Page - CUI INC

Back Button PRD25 Datasheet HTML 3Page - CUI INC PRD25 Datasheet HTML 4Page - CUI INC PRD25 Datasheet HTML 5Page - CUI INC PRD25 Datasheet HTML 6Page - CUI INC PRD25 Datasheet HTML 7Page - CUI INC PRD25 Datasheet HTML 8Page - CUI INC PRD25 Datasheet HTML 9Page - CUI INC PRD25 Datasheet HTML 10Page - CUI INC PRD25 Datasheet HTML 11Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
cui.com
date 05/20/2016
│ page 7 of 13
CUI Inc
│ SERIES: PRD25 │ DESCRIPTION: DC-DC CONVERTER
DERATING CURVES
Ambient Temperature (°C)
-40
40
45
50
55
60
65
70
75
80
85
7
6
0
7.5
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
0.33 to 2.0 m/s (65 to 400 LFM)
Vin=36V, 48V, 60V
1.0 to 2.0 m/s (200 to 400 LFM)
Vin=75V
PRD25-D48-S3 Derating Curves @ Sea Level
(airflowfrominputtooutput)
Ambient Temperature (°C)
-40
40
45
50
55
60
65
70
75
80
85
0.33 to 2.0 m/s (65 to 400 LFM)
0
4.6
4.7
4.8
4.9
5.0
PRD25-D48-S5 Derating Curves @ Sea Level
(airflowfrominputtooutput)
-40
70
75
80
85
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
Ambient Temperature (°C)
1.95
2.0
2.05
2.1
0
PRD25-D48-S12 Derating Curves @ Sea Level
(Vin=36V,airflowfrominputtooutput)
-40
70
75
80
85
0
Ambient Temperature (°C)
2.025
2.05
2.075
2.1
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
PRD25-D48-S12 Derating Curves @ Sea Level
(Vin=48V,airflowfrominputtooutput)
Ambient Temperature (°C)
-40
0
70
75
80
85
2.025
2.05
2.075
2.1
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
PRD25-D48-S12 Derating Curves @ Sea Level
(Vin=60V,airflowfrominputtooutput)
Ambient Temperature (°C)
-40
70
75
80
85
0
1.95
2.0
2.05
2.1
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
PRD25-D48-S12 Derating Curves @ Sea Level
(Vin=75V,airflowfrominputtooutput)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com