Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD25 Datasheet(PDF) 12 Page - CUI INC

Part # PRD25
Description  DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25 Datasheet(HTML) 12 Page - CUI INC

Back Button PRD25 Datasheet HTML 5Page - CUI INC PRD25 Datasheet HTML 6Page - CUI INC PRD25 Datasheet HTML 7Page - CUI INC PRD25 Datasheet HTML 8Page - CUI INC PRD25 Datasheet HTML 9Page - CUI INC PRD25 Datasheet HTML 10Page - CUI INC PRD25 Datasheet HTML 11Page - CUI INC PRD25 Datasheet HTML 12Page - CUI INC PRD25 Datasheet HTML 13Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
cui.com
date 05/20/2016
│ page 12 of 13
CUI Inc
│ SERIES: PRD25 │ DESCRIPTION: DC-DC CONVERTER
Output Voltage Trimming
Theoutputvoltagecanbeadjustedbyusingthetrimpinandasinglefixedresistor(seeFigures4&5).Trimming
resistorsshouldhavealowtemperaturecoefficient(±100ppm/°Corless)andbemountedclosetotheconverter.Ifthe
trim function is not needed, leave the trim pin open.
APPLICATION NOTES
+VOUT
TRIM
ON/OFF
CONTROL
−VIN
LOAD
RTRIM UP
−VOUT
+VIN
Figure 4 Trim Adjustments To Decrease
Output Voltage Using A Fixed Resistor
LOAD
RTRIM DOWN
+VOUT
TRIM
ON/OFF
CONTROL
−VIN
−VOUT
+VIN
Figure 5 Trim Adjustments To Increase
Output Voltage Using A Fixed Resistor
Figure 6. Driving The On/Off Control Pin
(Suggested Circuit)
Note: R
trim-upistheexternalresistorinΩ
R
trim-downistheexternalresistorinΩ
V
O,nom is the nominal output voltage
V
O is the desired output voltage
ON/OFF
CONTROL
-VIN
+VCC
Vout
A
B
C
3.3
12775
2050
5110
5
12775
2050
5110
12
25000
5110
10000
Remote On/Off Control
TheDC-DCconvertercanbeorderedwitheitherpositiveornegativelogic.Seepage2forenable/disabledetailsforboth
positiveandnegativelogicoptions.DynamiccontroloftheOn/Offfunctionshouldbeabletosinkappropriatesignal
currentwhenbroughtlowandwithstandappropriatevoltagewhenbroughthigh.Beawarethatthereisafinitetimein
millisecondsbetweenthethetimeofOn/Offcontrolactivationandstable,regulatedoutput.Thistimewillvaryslightly
with output load type and current and input conditions.
CautionswhenusingtheOn/Offcontrol:
1. Toretainfulloutputcircuitisolation,controltheOn/Offfromtheinputsideonly.
2.WhileitispossibletocontroltheOn/Offwithexternallogicifyoucarefullyobservethevoltagelevels,the
preferred circuit is either an open drain/open collector transistor, a switch, or a relay.
3.DonotapplyvoltagestotheOn/Offpinwhenthereisnoinputpowervoltage,otherwisetheconvertermaybe
permanently damaged.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com