Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 6Page - Analog Devices AD7656ABSTZ Datasheet HTML 7Page - Analog Devices AD7656ABSTZ Datasheet HTML 8Page - Analog Devices AD7656ABSTZ Datasheet HTML 9Page - Analog Devices AD7656ABSTZ Datasheet HTML 10Page - Analog Devices AD7656ABSTZ Datasheet HTML 11Page - Analog Devices AD7656ABSTZ Datasheet HTML 12Page - Analog Devices AD7656ABSTZ Datasheet HTML 13Page - Analog Devices AD7656ABSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7656A
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
0
–160
0
FREQUENCY (kHz)
125
–20
–40
–60
–80
–100
–120
–140
25
50
75
100
VDD/VSS = ±15V
AVCC/DVCC/VDRIVE = +5V
INTERNAL REFERENCE
±10V RANGE
TA = 25°C
fS = 250kSPS
fIN = 50kHz
SNR = +87.33dB
SINAD = +87.251dB
THD = –104.32dB
SFDR = –104.13dB
Figure 4. FFT for ±10 V Range
0
–160
0
FREQUENCY (kHz)
125
–20
–40
–60
–80
–100
–120
–140
25
50
75
100
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = +5V
INTERNAL REFERENCE
±5V RANGE
TA = 25°C
fS = 250kSPS
fIN = 50kHz
SNR = +86.252dB
SINAD = +86.196dB
THD = –105.11dB
SFDR = –98.189dB
Figure 5. FFT for ±5 V Range
2.0
–2.0
0
10k
20k
30k
40k
50k
60k 65535
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
2 × VREF RANGE
INL WCP = 0.64LSB
INL WCN = –0.76LSB
Figure 6. Typical INL
2.0
–2.0
0
10k
20k
30k
40k
50k
60k 65535
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
2 × VREF RANGE
DNL WCP = 0.81LSB
DNL WCN = –0.57LSB
Figure 7. Typical DNL
90
60
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
85
80
75
70
65
AVCC/DVCC/VDRIVE = +5.25V
VDD/VSS = ±16.5V
±10V RANGE
AVCC/DVCC/
VDRIVE = +5V
VDD/VSS = ±12V
±5V RANGE
AVCC/DVCC/
VDRIVE = +5V
VDD/VSS = ±5.25V
±5V RANGE
AVCC/DVCC/
VDRIVE = +4.75 V
VDD/VSS = ±10V
±10V RANGE
fSAMPLE = 250kSPS
INTERNAL REFERENCE
TA = 25°C
Figure 8. SINAD vs. Analog Input Frequency
–60
–120
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
–70
–80
–90
–100
–110
AVCC/DVCC/
VDRIVE = +5V
VDD/VSS = ±12V
±5V RANGE
AVCC/DVCC/
VDRIVE = +5.25V
VDD/VSS = ±16.5V
±10V RANGE
fSAMPLE = 250kSPS
INTERNAL REFERENCE
TA = 25°C
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±5.25V
±5V RANGE
AVCC/DVCC/
VDRIVE = +4.75V
VDD/VSS = ±10V
±10V RANGE
Figure 9. THD vs. Analog Input Frequency
Rev. 0 | Page 10 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com