Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 15Page - Analog Devices AD7656ABSTZ Datasheet HTML 16Page - Analog Devices AD7656ABSTZ Datasheet HTML 17Page - Analog Devices AD7656ABSTZ Datasheet HTML 18Page - Analog Devices AD7656ABSTZ Datasheet HTML 19Page - Analog Devices AD7656ABSTZ Datasheet HTML 20Page - Analog Devices AD7656ABSTZ Datasheet HTML 21Page - Analog Devices AD7656ABSTZ Datasheet HTML 22Page - Analog Devices AD7656ABSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD7656A
SOFTWARE SELECTION OF ADCS
The H/S SEL pin determines the source of the combination of
ADCs that are to be simultaneously sampled. When the H/S SEL
pin is logic low, the combination of channels to be simultaneously
sampled is determined by the CONVST A, CONVST B, and
CONVST C pins. When the H/S SEL pin is logic high, the
combination of channels selected for simultaneous sampling is
determined by the contents of the DB15 to DB13 bits in the
control register. In this mode, a write to the control register is
necessary.
The control register is an 8-bit write-only register. Data is
written to this register using the CS and WR pins and the DB15
to DB8 data pins (see Figure 25). The control register is detailed
in Table 8. To select an ADC pair to be simultaneously sampled,
set the corresponding data line high during the write operation.
DATA
DB15 TO DB8
CS
t13
t15
t14
t11
t12
WR
Figure 25. Parallel Interface—Write Cycle for Word Mode (W/B= 0)
The AD7656A control register allows individual ranges to be
programmed on each ADC pair. DB12 to DB10 bits in the
control register are used to program the range on each ADC pair.
After a reset occurs on the AD7656A, the control register
contains all zeros.
The CONVST A signal is used to initiate a simultaneous
conversion on the combination of channels selected via the
control register. The CONVST B and CONVST C signals can be
tied low when operating in software mode (H/S SEL = 1). The
number of read pulses required depends on the number of
ADCs selected in the control register and on whether the
devices are operating in word or byte mode. The conversion
results are output in ascending order.
During the write operation, Data Bus Bit DB15 to Data Bus
Bit DB8 are bidirectional and become inputs to the control
register when RD is logic high and CS and WR are logic low.
The logic state on DB15 through DB8 is latched into the control
register when WR goes logic high.
Table 8. Control Register Bits (Default All 0s)
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
VC
VB
VA
RNGC
RNGB
RNGA
REFEN
REFBUF
Table 9. Control Register Bit Function Descriptions (Default All 0s)
Bit
Mnemonic
Description
DB15
VC
This bit selects the V5 and V6 analog inputs for the next conversion. When this bit is set to 1, V5 and V6 are
simultaneously converted on the next CONVST A rising edge.
DB14
VB
This bit selects the V3 and V4 analog inputs for the next conversion. When this bit is set to 1, V3 and V4 are
simultaneously converted on the next CONVST B rising edge.
DB13
VA
This bit selects the V1 and V2 analog inputs for the next conversion. When this bit is set to 1, V1 and V2 are
simultaneously converted on the next CONVST C rising edge.
DB12
RNGC
This bit selects the analog input range for the V5 and V6 analog inputs. When this bit is set to 1, the ±2 × VREF range is
selected for the next conversion. When this bit is set to 0, the ±4 × VREF range is selected for the next conversion.
DB11
RNGB
This bit selects the analog input range for the V3 and V4 analog inputs. When this bit is set to 1, the ±2 × VREF range is
selected for the next conversion. When this bit is set to 0, the ±4 × VREF range is selected for the next conversion.
DB10
RNGA
This bit selects the analog input range for the V1 and V2 analog inputs. When this bit is set to 1, the ±2 × VREF range is
selected for the next conversion. When this bit is set to 0, the ±4 × VREF range is selected for the next conversion.
DB9
REFEN
This bit selects the internal reference or an external reference. When this bit is set to 0, the external reference mode is
selected. When this bit is set to 1, the internal reference is selected.
DB8
REFBUF
This bit selects between using the internal reference buffers and choosing to bypass these reference buffers. When this
bit is set to 0, the internal reference buffers are enabled and decoupling is required on the REFCAPx pins. When this bit is
set to 1, the internal reference buffers are disabled and a buffered reference is applied to the REFCAPx pins.
Rev. 0 | Page 19 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com