Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 19Page - Analog Devices AD7656ABSTZ Datasheet HTML 20Page - Analog Devices AD7656ABSTZ Datasheet HTML 21Page - Analog Devices AD7656ABSTZ Datasheet HTML 22Page - Analog Devices AD7656ABSTZ Datasheet HTML 23Page - Analog Devices AD7656ABSTZ Datasheet HTML 24Page - Analog Devices AD7656ABSTZ Datasheet HTML 25Page - Analog Devices AD7656ABSTZ Datasheet HTML 26Page - Analog Devices AD7656ABSTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD7656A
Standby/Partial Power-Down Modes of Operation
(SER/PAR/SEL = 0 or SER/PAR/SEL = 1)
Each ADC pair can be individually placed into partial power-
down mode by bringing the CONVST x signal low before the
falling edge of BUSY. Bring the CONVST x signal high to power
up the ADC pair and place the track-and-hold amplifier into
track mode. After the power-up time from the partial power-
down has elapsed, the CONVST x signal typically receives a
rising edge to initiate a valid conversion. In partial power-down
mode, the reference buffers remain powered up. While an ADC
pair is in partial power-down mode, conversions can still occur
on the other ADCs.
The AD7656A has a power-down mode whereby the device can
be placed into a low power mode consuming 100 mW maximum.
The AD7656A is placed into standby mode by bringing the
logic input STBY low and can be powered up again for normal
operation by bringing STBY logic high. The output data buffers
are still operational when the AD7656A is in standby mode,
meaning the user can continue to access the conversion results
of the device. This standby feature can be used to reduce the
average power consumed by the AD7656A when operating at
lower throughput rates. The AD7656A can be placed into standby
at the end of each conversion when BUSY goes low and taken out
of standby again prior to the next conversion. The wake-up
time is when the AD7656A comes out of standby mode. The
wake-up time limits the maximum throughput rate at which the
AD7656A can operate when powering down between
conversions. See the Specifications section.
Rev. 0 | Page 23 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com