Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 8Page - Analog Devices AD7656ABSTZ Datasheet HTML 9Page - Analog Devices AD7656ABSTZ Datasheet HTML 10Page - Analog Devices AD7656ABSTZ Datasheet HTML 11Page - Analog Devices AD7656ABSTZ Datasheet HTML 12Page - Analog Devices AD7656ABSTZ Datasheet HTML 13Page - Analog Devices AD7656ABSTZ Datasheet HTML 14Page - Analog Devices AD7656ABSTZ Datasheet HTML 15Page - Analog Devices AD7656ABSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7656A
Data Sheet
–40
140
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
83.0
83.5
84.0
84.5
85.0
85.5
86.0
86.5
87.0
±5V RANGE
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
fIN = 50kHz
INTERNAL REFERENCE
±10V RANGE
AVCC/DVCC/VDRIVE = +5.25V
VDD/VSS = ±16.5V
Figure 16. SNR vs. Temperature
–100
–107
–40
140
TEMPERATURE (°C)
–101
–102
–103
–104
–105
–106
–20
0
20
40
60
80
100
120
±10V RANGE
AVCC/DVCC/VDRIVE = +5.25V
VDD/VSS = ±16.5V
±5V RANGE
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
fIN = 50kHz
INTERNAL REFERENCE
Figure 17. THD vs. Temperature
120
60
0
FREQUENCY OF INPUT NOISE (kHz)
AVCC/DVCC/VDRIVE = 5V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
±2 × VREF RANGE
30kHz ON SELECTED CHANNEL
110
100
90
80
70
20
40
60
80
100
120
140
Figure 18. Channel-to-Channel Isolation
30
0
–40
100
TEMPERATURE (°C)
25
20
15
10
5
–20
0
20
40
60
80
±10V RANGE
±5V RANGE
AVCC/DVCC/VDRIVE = +5V
fSAMPLE = 250kSPS
FOR ±5V RANGE VDD/VSS = ±12V
FOR ±10V RANGE VDD/VSS = ±16.5V
Figure 19. Dynamic Current vs. Temperature
Rev. 0 | Page 12 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com