Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 9Page - Analog Devices AD7656ABSTZ Datasheet HTML 10Page - Analog Devices AD7656ABSTZ Datasheet HTML 11Page - Analog Devices AD7656ABSTZ Datasheet HTML 12Page - Analog Devices AD7656ABSTZ Datasheet HTML 13Page - Analog Devices AD7656ABSTZ Datasheet HTML 14Page - Analog Devices AD7656ABSTZ Datasheet HTML 15Page - Analog Devices AD7656ABSTZ Datasheet HTML 16Page - Analog Devices AD7656ABSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD7656A
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, a ½ LSB below
the first code transition and full scale at ½ LSB above the last
code transition.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal
1 LSB change between any two adjacent codes in the ADC.
Bipolar Zero-Scale Error
The bipolar zero-scale error is the deviation of the midscale
transition (all 1s to all 0s) from the ideal VIN voltage, that is,
AGND − 1 LSB.
Bipolar Zero-Scale Error Matching
The bipolar zero-scale error matching is the difference in
bipolar zero-code error between any two input channels.
Positive Full-Scale Error
The positive full-scale error is the deviation of the last code
transition (011 … 110) to (011 … 111) from the ideal (4 × VREF –
1 LSB or 2 × VREF − 1 LSB) after adjusting for the bipolar zero
scale error.
Positive Full-Scale Error Matching
The positive full-scale error matching is the difference in
positive full-scale error between any two input channels.
Negative Full-Scale Error
The negative full-scale error is the deviation of the first code
transition (10 … 000) to (10 … 001) from the ideal (−4 × VREF +
1 LSB or −2 × VREF + 1 LSB) after adjusting for the bipolar zero-
code error.
Negative Full-Scale Error Matching
The negative full-scale error matching is the difference in
negative full-scale error between any two input channels.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode at the end
of the conversion. The track-and-hold acquisition time is the
time required for the output of the track-and-hold amplifier to
reach its final value, within ±1 LSB, after the end of the conversion.
See the Track-and-Hold Amplifiers section for more details.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency. The value for SNR is expressed in decibels.
Signal-to-Noise-and-Distortion (SINAD) Ratio
The SINAD ratio is the measured ratio of signal-to-noise-and-
distortion at the output of the ADC. The signal is the rms
amplitude of the fundamental. Noise is the sum of all
nonfundamental signals up to half the sampling frequency
(fSAMPLE/2, excluding dc).
The ratio depends on the number of quantization levels in the
digitization process: the more levels, the smaller the quantization
noise. The theoretical SINAD ratio for an ideal N-bit converter
with a sine wave input is given by
SINAD = (6.02 N + 1.76) dB
Therefore, SINAD is 98 dB for a 16-bit converter.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the harmonics to the
fundamental. For the AD7656A, it is defined as
1
2
6
2
5
2
4
2
3
2
2
log
20
)
dB
(
V
V
V
V
V
V
THD
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through sixth harmonics.
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the ratio of the rms value
of the next largest component in the ADC output spectrum (up
to fSAMPLE/2, excluding dc) to the rms value of the fundamental.
Normally, the value of this specification is determined by the
largest harmonic in the spectrum, but for ADCs where the
harmonics are buried in the noise floor, it is determined by a
noise peak.
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities create distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3. Intermodulation distortion terms are those for
which neither m nor n are equal to 0. For example, the second-
order terms include (fa + fb) and (fa − fb), and the third-order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7656A is tested using the CCIF standard in which two
input frequencies near the maximum input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, and the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion is
per the THD specification, where it is the ratio of the rms sum
of the individual distortion products to the rms amplitude of
the sum of the fundamentals expressed in decibels.
Rev. 0 | Page 13 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com