Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9613 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 4 Page - Analog Devices

  AD9613 Datasheet HTML 1Page - Analog Devices AD9613 Datasheet HTML 2Page - Analog Devices AD9613 Datasheet HTML 3Page - Analog Devices AD9613 Datasheet HTML 4Page - Analog Devices AD9613 Datasheet HTML 5Page - Analog Devices AD9613 Datasheet HTML 6Page - Analog Devices AD9613 Datasheet HTML 7Page - Analog Devices AD9613 Datasheet HTML 8Page - Analog Devices AD9613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 4 of 36
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full scale input range, unless
otherwise noted.
Table 2.
AD9613-170
AD9613-210
AD9613-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 30 MHz
25°C
70.1
70.1
70.0
dBFS
fIN = 90 MHz
25°C
70.0
70.0
69.8
dBFS
Full
69.3
69.2
dBFS
fIN = 140 MHz
25°C
69.8
69.8
69.6
dBFS
fIN = 185 MHz
25°C
69.5
69.5
69.2
dBFS
Full
67.8
dBFS
fIN = 220 MHz
25°C
69.4
69.3
69.0
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
69.1
69.1
69.0
dBFS
fIN = 90 MHz
25°C
69.0
69.0
68.8
dBFS
Full
68.2
68
dBFS
fIN = 140 MHz
25°C
68.8
68.8
68.6
dBFS
fIN = 185 MHz
25°C
68.5
68.5
68.2
dBFS
Full
66.5
dBFS
fIN = 220 MHz
25°C
68.4
68.3
68.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30 MHz
25°C
11.2
11.2
11.2
Bits
fIN = 90 MHz
25°C
11.2
11.2
11.1
Bits
fIN = 140 MHz
25°C
11.1
11.1
11.1
Bits
fIN = 185 MHz
25°C
11.1
11.1
11.0
Bits
fIN = 220 MHz
25°C
11.1
11.0
11.0
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−94
−94
−90
dBc
fIN = 90 MHz
25°C
−92
−94
−89
dBc
Full
−78
−80
dBc
fIN = 140 MHz
25°C
−87
−88
−86
dBc
fIN = 185 MHz
25°C
−89
−83
−86
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−80
−83
−85
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
94
90
92
dBc
fIN = 90 MHz
25°C
92
90
89
dBc
Full
78
80
dBc
fIN = 140 MHz
25°C
87
88
86
dBc
fIN = 185 MHz
25°C
89
83
86
dBc
Full
80
dBc
fIN = 220 MHz
25°C
83
83
85
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 30 MHz
25°C
−97
−95
−93
dBc
fIN = 90 MHz
25°C
−96
−95
−92
dBc
Full
−78
−80
dBc
fIN = 140 MHz
25°C
−97
−97
−91
dBc
fIN = 185 MHz
25°C
−91
−96
−91
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−93
−94
−89
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com