Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9613 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 2 Page - Analog Devices

  AD9613 Datasheet HTML 1Page - Analog Devices AD9613 Datasheet HTML 2Page - Analog Devices AD9613 Datasheet HTML 3Page - Analog Devices AD9613 Datasheet HTML 4Page - Analog Devices AD9613 Datasheet HTML 5Page - Analog Devices AD9613 Datasheet HTML 6Page - Analog Devices AD9613 Datasheet HTML 7Page - Analog Devices AD9613 Datasheet HTML 8Page - Analog Devices AD9613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
ADC DC Specifications............................................................... 3
ADC AC Specifications ............................................................... 4
Digital Specifications ................................................................... 6
Switching Specifications .............................................................. 8
Timing Specifications .................................................................. 9
Absolute Maximum Ratings.......................................................... 11
Thermal Characteristics ............................................................ 11
ESD Caution................................................................................ 11
Pin Configurations and Function Descriptions ......................... 12
Typical Performance Characteristics ........................................... 16
Equivalent Circuits ......................................................................... 22
Theory of Operation ...................................................................... 23
ADC Architecture ...................................................................... 23
Analog Input Considerations ................................................... 23
Voltage Reference ....................................................................... 25
Clock Input Considerations...................................................... 25
Power Dissipation and Standby Mode .................................... 27
Digital Outputs ........................................................................... 27
ADC Overrange (OR)................................................................ 27
Channel/Chip Synchronization.................................................... 28
Serial Port Interface (SPI).............................................................. 29
Configuration Using the SPI..................................................... 29
Hardware Interface..................................................................... 29
SPI Accessible Features.............................................................. 30
Memory Map .................................................................................. 31
Reading the Memory Map Register Table............................... 31
Memory Map Register Table..................................................... 32
Memory Map Register Description ......................................... 34
Applications Information .............................................................. 35
Design Guidelines ...................................................................... 35
Outline Dimensions....................................................................... 36
Ordering Guide .......................................................................... 36
REVISION HISTORY
1/13—Rev. B to Rev. C
Changes to Features...........................................................................1
Changes to Table 1.............................................................................3
Changes to Table 2 ............................................................................5
Change to Logic Inputs (SDIO) Paramter, Table 3........................6
Changes to Table 4.............................................................................8
Change to Reading the Memory Map Register Table Section........31
Changes to Table 14.........................................................................33
Change to Memory Map Register Description Section..............34
Updated Outline Dimensions........................................................36
9/11—Rev. A to Rev. B
Changes to Figure 1.......................................................................... 1
Changes to Temperature Drift Parameters ................................... 3
Changes Output Offset Voltage (VOS), ANSI Mode Typ
Parameter and Output Offset Voltage (VOS), Reduced Swing
Mode Parameter................................................................................ 7
Changes DCO to Data Skew (tSKEW) Parameters .......................... 8
Changes to Output Enable Bar and Power-Down Pin Type
and Pin 47 Description .................................................................. 13
Changes to Figure 5 and Pin 7 and Pin 8 Descriptions............. 14
Changes to Pin 42 and Pin 43, Output Enable Bar and Power-
Down Pin Type, and Pin 47 Descriptions................................... 15
Changes to Typical Performance Characteristics Conditions.. 16
Changes to Fiugre 43...................................................................... 22
Added ADC Overrange (OR) Section......................................... 27
Changes to Channel/Chip Synchronization Section ................. 28
Changes to Reading the Memory Map Register Table
Section and Transfer Register Map Section ................................ 31
Changes to Register 0x02, Bits[5:4].............................................. 32
Changes to Register 0x16, Bit 5 .................................................... 33
Added Register 0x3A ..................................................................... 34
Deleted Register 0x59 .................................................................... 34
Changes to Bit 0—Master Sync Buffer Enable Section ............. 34
Deleted SYNC Pin Control (Register 0x59) Section.................. 34
5/11—Rev. 0 to Rev. A
Changes to Table 2, AD9613-170: Worst Second or Third
Harmonic and Worst Other (Harmonic or Spur) Max Values
and Spurious Free Dynamic Range Min Value .............................4
4/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com