Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9613 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9613 Datasheet HTML 8Page - Analog Devices AD9613 Datasheet HTML 9Page - Analog Devices AD9613 Datasheet HTML 10Page - Analog Devices AD9613 Datasheet HTML 11Page - Analog Devices AD9613 Datasheet HTML 12Page - Analog Devices AD9613 Datasheet HTML 13Page - Analog Devices AD9613 Datasheet HTML 14Page - Analog Devices AD9613 Datasheet HTML 15Page - Analog Devices AD9613 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 12 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
DNC
DNC
DNC
DNC
DNC
DNC
DRVDD
DNC
DNC
D0– (LSB)
D0+ (LSB)
D1–
D1+
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED PADDLE
MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
PDWN
OEB
CSB
SCLK
SDIO
OR+
OR–
D11+ (MSB)
D11– (MSB)
D10+
D10–
DRVDD
D9+
D9–
D8+
D8–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9613
PARALLEL LVDS
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. Pin Configuration (Top View) for the LFCSP Interleaved Parallel LVDS Mode
Table 8. Pin Function Descriptions for the LFCSP Interleaved Parallel LVDS Mode
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
0
AGND,
Exposed Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the
package provides the analog ground for the part. This exposed paddle
must be connected to ground for proper operation.
4 to 9, 11, 12, 55, 56, 58
DNC
Do not connect. Do not connect to these pins.
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54, 59, 60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
ADC Analog
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin should
be decoupled to ground using a 0.1 μF capacitor.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com