Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9613 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9613 Datasheet HTML 12Page - Analog Devices AD9613 Datasheet HTML 13Page - Analog Devices AD9613 Datasheet HTML 14Page - Analog Devices AD9613 Datasheet HTML 15Page - Analog Devices AD9613 Datasheet HTML 16Page - Analog Devices AD9613 Datasheet HTML 17Page - Analog Devices AD9613 Datasheet HTML 18Page - Analog Devices AD9613 Datasheet HTML 19Page - Analog Devices AD9613 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 16 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = maximum sample rate per speed grade, DCS enabled, 1.75 V p-p differential input, VIN =
−1.0 dBFS, 32k sample, TA = 25°C, unless otherwise noted.
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
90.1MHz @ –1dBFS
SNR = 69.7dB (70.7dBFS)
SFDR = 88dBc
Figure 6. AD9613-170 Single-Tone FFT with fIN = 90.1 MHz
0
–20
THIRD HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
185.1MHz @ –1dBFS
SNR = 68.9dB (69.9dBFS)
SFDR = 80dBc
Figure 7. AD9613-170 Single-Tone FFT with fIN = 185.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
305.1MHz @ –1dBFS
SNR = 67dB (68dBFS)
SFDR = 79dBc
Figure 8. AD9613-170 Single-Tone FFT with fIN = 305.1 MHz
120
100
80
60
40
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 9. AD9613-170 Single-Tone SNR/SFDR vs.
Input Amplitude (AIN) with fIN = 90.1 MHz
100
95
90
85
80
75
70
65
60
330
360
390
300
270
240
210
180
150
120
90
60
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 10. AD9613-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
0
–20
–40
–60
–80
–100
–120
–7.0
–21.0
–32.5
–44.0
–55.5
–67.0
–78.5
–90.0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
Figure 11. AD9613-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 89.12, fIN2 = 92.12 MHz, fS = 170 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com