Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9613 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9613 Datasheet HTML 13Page - Analog Devices AD9613 Datasheet HTML 14Page - Analog Devices AD9613 Datasheet HTML 15Page - Analog Devices AD9613 Datasheet HTML 16Page - Analog Devices AD9613 Datasheet HTML 17Page - Analog Devices AD9613 Datasheet HTML 18Page - Analog Devices AD9613 Datasheet HTML 19Page - Analog Devices AD9613 Datasheet HTML 20Page - Analog Devices AD9613 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD9613
Rev. C | Page 17 of 36
0
–20
–40
–60
–80
–100
–120
–7.0
–21.0
–32.5
–44.0
–55.5
–67.0
–78.5
–90.0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
Figure 12. AD9613-170 Two-Tone SFDR/IMD3 vs.
Input Amplitude (AIN) with fIN1 = 184.12, fIN2 = 187.12 MHz, fS = 170 MSPS
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
89.12MHz @ –7dBFS
92.12MHz @ –7dBFS
SFDR = 87dBc (94dBFS)
Figure 13. AD9613-170 Two-Tone FFT with fIN1 = 89.12, fIN2 = 92.12 MHz,
fS = 170 MSPS
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
184.12MHz @ –7dBFS
187.12MHz @ –7dBFS
SFDR = 84dBc (91dBFS)
Figure 14. AD9613-170 Two-Tone FFT with fIN1 = 184.12, fIN2 = 187.12 MHz,
fS = 170 MSPS
100
95
90
85
80
75
70
65
130 140 150 160
120
110
100
90
80
70
60
50
40
170
SAMPLE RATE (MSPS)
SNR, CHANNEL B
SFDR, CHANNEL B
SNR, CHANNEL A
SFDR, CHANNEL A
Figure 15. AD9613-170 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
12,000
14,000
16,000
10,000
8000
6000
4000
2000
0
N + 1
N
N – 1
OUTPUT CODE
0.38LSB rms
16,384 TOTAL HITS
Figure 16. AD9613-170 Grounded Input Histogram
0
–20
THIRD HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
90
100
FREQUENCY (MHz)
210MSPS
90.1MHz @ –1dBFS
SNR = 69.5dB (70.5dBFS)
SFDR = 88dBc
Figure 17. AD9613-210 Single-Tone FFT with fIN = 90.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com