Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1270ACPZ-R2
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADM1270ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 3 of 21
SPECIFICATIONS
VCC/VSENSE+ = 4 V to 60 V, VSENSE = (VSENSE+ − VSENSE−) = 0 V, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Operating Voltage Range
VCC
4
60
V
Quiescent Current
ICC
360
500
μA
GATE on
UV PIN
Input Current
IUV
0.005
0.2
μA
UV ≤ 5.5 V, TA = −40°C to +85°C
0.005
1
μA
UV ≤ 5.5 V, TA = −40°C to +125°C
UV Threshold
UVTH
0.985
1.0
1.015
V
UV falling
UV Threshold Hysteresis
UVHYST
55
60
65
mV
UV Glitch Filter
UVGF
4
7
μs
50 mV overdrive
UV Propagation Delay
UVPD
6
8
μs
UV low to GATE pull-down circuit active
OV PIN
Input Current
IOV
0.005
0.2
μA
OV ≤ 5.5 V, TA = −40°C to +85°C
0.005
1
μA
OV ≤ 5.5 V, TA = −40°C to +125°C
OV Threshold
OVTH
0.985
1.0
1.015
V
OV rising
OV Threshold Hysteresis
OVHYST
25
30
35
mV
OV Glitch Filter
OVGF
0.5
2.0
μs
50 mV overdrive
OV Propagation Delay
OVPD
1.5
2.5
μs
OV high to GATE pull-up circuit active
SENSE−
Input Current
ISENSE−
20
40
70
μA
SENSE− = 60 V
VCAP PIN
Internally Regulated Voltage
VVCAP
3.546
3.6
3.636
V
0 μA ≤ IVCAP ≤ 1 mA, CVCAP = 1 μF
Undervoltage Lockout
UVLO
Rising
UVLORISE
3.4
V
VCC rising
Falling
UVLOFALL
3.0
V
VCC falling
Hysteresis
UVLOHYST
230
mV
ISET PIN
Input Current
IISET
0.005
0.2
μA
VISET ≤ VVCAP, TA = −40°C to +85°C
0.005
1
μA
VISET ≤ VVCAP, TA = −40°C to +125°C
Reference Select Threshold
VISETRSTH
2.55
2.6
2.65
V
If VISET > VISETRSTH, an internal reference (VCLREF) is used
Internal Reference
VCLREF
2
V
Accuracies included in total sense voltage
accuracies
Gain of Current Sense Amplifier
AVCSAMP
40
V/V
Accuracies included in total sense voltage
accuracies
RPFG PIN
Reverse Protection FET Gate Drive
Voltage
VRPFG
0
V
VCC ≤ 10 V
Reverse Protection FET Gate Drive
Voltage Offset
ΔVRPFG
10
12
14
V
ΔVRPFG = VCC − VRPFG, 60 V ≥ VCC ≥ 14 V, IRPFG ≤ 5 μA
RPFG Pull-Down (On) Current
IRPFGND
7
9
12
μA
VRPFG = VCC
GATE PIN
GATE Drive Voltage
ΔVGATE
10
12
14
V
ΔVGATE = VCC − VGATE, 60 V ≥ VCC ≥ 14 V, IGATE ≤ 5 μA
GATE Pull-Down (On) Current
IGATEDN
20
25
30
μA
VGATE = VCC
GATE Pull-Up (Off ) Current
IGATEUP
Regulation
IGATEUP_REG
−50
−65
−80
μA
ΔVGATE ≥ 2 V, (VSENSE+ − VSENSE−) = 70 mV
Fault
IGATEUP_FLT
−7
−13
−20
mA
ΔVGATE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com