Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1270ACPZ-R2
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1270ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 12 of 21
0.95
1.00
1.05
1.10
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
0
0.01
0.02
0.03
0.04
0.05
0.06
UV RISE
UV FALL
HYSTERESIS
Figure 22. UV Threshold Voltage vs. Temperature
0.90
0.95
1.00
1.05
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
0
0.01
0.02
0.03
OV RISE
OV FALL
HYSTERESIS
Figure 23. OV Threshold vs. Temperature
0.980
0.985
0.990
0.995
1.000
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V POWER-GOOD RISE
25V POWER-GOOD RISE
50V POWER-GOOD RISE
Figure 24. Power-Good Rising Threshold vs. Temperature,
Different Input Voltages
0.950
0.955
0.960
0.965
0.970
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V POWER-GOOD FALL
25V POWER-GOOD FALL
50V POWER-GOOD FALL
Figure 25. Power-Good Falling Threshold vs. Temperature,
Different Input Voltages
0.100
0.102
0.104
0.106
0.108
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V OV
25V OC
50V OC
Figure 26. Severe Overcurrent (OC) Threshold vs. Temperature,
Different Input Voltages
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FLB (V)
–40°C
–5°C
–25°C
–85°C
–125°C
Figure 27. Sense Voltage (VSENSE ) vs. FLB, Different Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com