Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1270ACPZ-R2
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1270ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 20 of 21
POWER GOOD
The power-good (PWRGD) output can be used to indicate
whether the output voltage exceeds a user defined threshold
and can, therefore, be considered good. The PWRGD output
is set by a resistor divider connected to the FB_PG pin (see
Figure 42).
40×
+
–
VCC/SENSE+
SENSE–
GATE
GND
LDO
GATE DRIVE/
LOGIC
VCAP
RSENSE
Q1
FB_PG
4V TO 60V
+
–
+
–
UV
1V
1V
OV
Figure 42. Generation of PWRGD Signal
When the voltage at the FB_PG pin exceeds the 1 V threshold
(indicating that the output voltage has risen), the open-drain
pull-down current is disabled, allowing PWRGD to be pulled
high. The PWRGD pin is an open-drain output that pulls low
when the voltage at the FB_PG pin is lower than the 1 V
threshold minus the hysteresis (power bad). Hysteresis on the
FB_PG pin is fixed at 30 mV. PWRGD is guaranteed to be in a
valid state for VCC ≥ 1.7 V.
Calculate the power-good threshold using the following
equation:
VPWRGD = 1 V × (1 + RPG1/RPG2)
where:
RPG1 is the resistance from VOUT to FB_PG.
RPG2 is the resistance from FB_PG to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com