Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1270ACPZ-R2
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADM1270ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High Voltage Input Protection Device
Data Sheet
ADM1270
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Controls supply voltages from 4 V to 60 V
Gate drive for low voltage drop reverse supply protection
Gate drive for P-channel FETs
Inrush current limiting control
Adjustable current limit
Foldback current limiting
Automatic retry or latch-off on current fault
Programmable current-limit timer for safe operating area (SOA)
Power-good and fault outputs
Analog undervoltage (UV) and overvoltage (OV) protection
16-lead, 3 mm × 3 mm LFCSP
16-lead QSOP
APPLICATIONS
Industrial modules
Battery-powered/portable instrumentation
GENERAL DESCRIPTION
The ADM1270 is a current-limiting controller that provides
inrush current limiting and overcurrent protection for modular
or battery-powered systems. When circuit boards are inserted
into a live backplane, discharged supply bypass capacitors draw
large transient currents from the backplane power bus as they
charge. These transient currents can cause permanent damage
to connector pins, as well as dips on the backplane supply that
can reset other boards in the system.
The ADM1270 is designed to control the inrush current, when
powering on the system, via an external P-channel field effect
transistor (FET).
To protect the system from a reverse polarity input supply, there
is a provision made to control an additional external P-channel
FET. This feature prevents reverse current flow in case of a reverse
polarity connection, which can damage the load or the ADM1270.
The ADM1270 is available in a 3 mm × 3 mm, 16-lead LFCSP and
a 16-lead QSOP.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
1V
1V
GATE DRIVE/
LOGIC
VCB
TIMER
ON
TIMEOUT
IOUT
CURRENT
LIMIT
TIMER
VCC/SENSE+ SENSE–
GATE
TIMER
GND
UV
OV
RPFG
FLB
LDO
VCAP
REF
SELECT
ISET
FAULT
FB_PG
ENABLE
TIMER_OFF
PWRGD
+
+
+
–
–
+
–
–
CURRENT-
LIMIT
CONTROL
ADM1270
Figure 1.


Similar Part No. - ADM1270ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
ADM1272-1ACPZ AD-ADM1272-1ACPZ Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
ADM1272-1ACPZ-RL AD-ADM1272-1ACPZ-RL Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
ADM1273 AD-ADM1273 Datasheet
1Mb / 58P
High Voltage Positive Hot-Swap Controller and Digital Power Monitor with PMBus
Rev. 0
ADM1273-1ACPZ AD-ADM1273-1ACPZ Datasheet
1Mb / 58P
High Voltage Positive Hot-Swap Controller and Digital Power Monitor with PMBus
Rev. 0
More results

Similar Description - ADM1270ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
Input under Voltage Protection
BR45D ARCH-BR45D Datasheet
420Kb / 4P
Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
Input under Voltage Protection
BR360 ARCH-BR360_16 Datasheet
339Kb / 3P
Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
Input under Voltage Protection
POL10 ARCH-POL10 Datasheet
365Kb / 3P
Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
Input Under-Voltage Protection
0RQB-S0M12X BEL-0RQB-S0M12X Datasheet
829Kb / 12P
Input Under-voltage Protection High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com