Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1270ACPZ-R2
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1270ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADM1270ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 9 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
3.55
3.57
3.59
3.61
3.63
3.65
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
Figure 4. VVCAP vs. Junction Temperature (TJ), Different Loads
3.590
3.595
3.600
3.605
3.610
0
0.2
0.4
0.6
0.8
1.0
ILOAD (mA)
Figure 5. VVCAP vs. Load Current (ILOAD)
3.590
3.595
3.600
3.605
3.610
VIN (V)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
50
0
10
20
30
40
Figure 6. VVCAP vs. Input Voltage (VIN), Different Loads
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
0
50
100
150
200
250
300
350
400
450
500
Figure 7. Supply Current (ICC) vs. Junction Temperature (TJ), Different Loads
380
382
384
386
388
390
392
394
396
398
400
0
0.2
0.4
0.6
0.8
1.0
ILOAD (mA)
Figure 8. Supply Current (ICC) vs. Load Current (ILOAD)
300
320
340
360
380
400
420
0
10
20
30
40
50
VCC (V)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
Figure 9. Supply Current (ICC) vs. Supply Voltage (VCC), Different Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com