Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC014 Datasheet HTML 1Page - National Semiconductor (TI) CLC014 Datasheet HTML 2Page - National Semiconductor (TI) CLC014 Datasheet HTML 3Page - National Semiconductor (TI) CLC014 Datasheet HTML 4Page - National Semiconductor (TI) CLC014 Datasheet HTML 5Page - National Semiconductor (TI) CLC014 Datasheet HTML 6Page - National Semiconductor (TI) CLC014 Datasheet HTML 7Page - National Semiconductor (TI) CLC014 Datasheet HTML 8Page - National Semiconductor (TI) CLC014 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC–VEE)
−0.3V, +6.5V
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering 4 sec.)
+260˚C
ESD Rating (Note 14)
<500V
θ
JA 14-Pin SOIC (AJE)
95˚C/W
MTTF (based on limited life test data)
4.8 x 10
7 hours
Recommended Operating
Conditions
Supply Voltage (V
CC–VEE)
4.5V to 5.5V
Operating Temperature Range
−40˚C to +85˚C
Series Input Resistance
(In Series w/DI & DI)
100
Ω
Input Coupling Capacitance
0.1 µF
AEC Capacitor (Connected
between AEC+ & AEC−)
50 pF to 1 µF
Cable Input Voltage Swing
(Note 4)
720 to 880 mV
pp
DO/DO Minimum Voltage
(Note 15)
V
CC– 1.6V
Electrical Characteristics
(V
CC = +5V, VEE = 0V, signal source swing = 0.8 Vpp(Note 4), CAEC = 100 pF)
Parameter
Conditions
Typ
+25˚C
Min/Max
+25˚C
Min/Max
−40˚C to
+85˚C
Units
DYNAMIC PERFORMANCE
Residual Jitter
100 meters Belden 8281
270 Mbps PRN (Note 5)
150
250
400
ps
pp
200 meters Belden 8281
270 Mbps PRN (Note 5)
180
250
400
ps
pp
300 meters Belden 8281
270 Mbps PRN (Notes 3, 5)
350
500
750
ps
pp
Equalization Time Constant
100 meters Belden 8281
C
AEC = 100 pF (Note 6)
1.5
_
_
µs
200 meters Belden 8281
C
AEC = 100 pF (Note 6)
2.0
_
_
µs
300 meters Belden 8281
C
AEC = 100 pF (Note 6)
3.2
_
_
µs
output rise and fall time (20%–80%)R
collector =75Ω
750
_
_
ps
output duty cycle distortion
30
_
_
ps
minimum average transition density
1/50
_
_
trans/ns
maximum average data rate
150m Belden 8281 (Note 7)
650
_
_
Mbps
V
CC Jitter Sensitivity
27 MHz
0.85
_
_
ns/V
270 MHz
1.90
_
_
ns/V
V
EE Jitter Sensitivity
27 MHz
0.55
_
_
ns/V
270 MHz
1.45
_
_
ns/V
STATIC PERFORMANCE
Supply Current (Includes Output Current)
V
AEC = 0V
(Note 3)
58
48/68
40/75
mA
V
AEC = 0.4V
(Note 3)
53
43/64
37/70
mA
Input and Output Parameters
DO/DO output current
10
8.7/11.3
8.0/12
mA
DO/DO output voltage swing
R
collector =75Ω (Note 3)
750
650/850
600/900
mV
DI/DI common mode voltage
3.4
_
_
V
AEC differential voltage
Belden 8281
1.5
_
_
mV/meter
AEC+/AEC− common mode
3.6
_
_
V
output eye monitor (OEM) bias potential
3.2
_
_
V
carrier detect (CD) current output-HIGH
CD V
OH = 4.5V
−400
_
_
µA
carrier detect (CD) current output-LOW
CD V
OL = 0.5V
600
_
_
µA
MUTE voltage input-HIGH
(Note 3)
1.8
2.0
2.0
V
MUTE voltage input-LOW
(Note 3)
1.2
0.8
0.8
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com