Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) CLC014 Datasheet HTML 15Page - National Semiconductor (TI) CLC014 Datasheet HTML 16Page - National Semiconductor (TI) CLC014 Datasheet HTML 17Page - National Semiconductor (TI) CLC014 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical Applications (Continued)
the cable. A voltage divider is necessary to scale the voltage
to the required level at the input of the CLC014. This resistor
network also provides the correct impedance match for
twisted pair.
For Category 5 UTP, the approximate AEC voltage per
length is 3.75 mV/m (see
Block Description ). The CLC006
provides a trim adjust for fine tuning the output signal with
the resistor R. Refer to the CLC006/007 datasheet for tuning
directions.
DS100056-33
FIGURE 13. Twisted Pair Equalization
DS100056-34
FIGURE 14. Before and After Equalization at 622 Mbps
Through 50 Meters of Category 5 UTP
100
Ω
37.5
Ω
0.1
µ
MUTE
CAEC
DI
DI
CD
DO
DO
AEC+
AEC-
100
Ω
75
Ω
CLC014
Adaptive Cable
Equalizer
75
Ω
Coax Cable
0.1
µ
Vcc
75
Ω
75
Ω
1N4148
0.1
µ
0.1
µF
43.3
Ω
86
Ω
50 – 75
Ω
minimum loss pad
270Mbps data through 300m
of Belden 8281 coax cable
800mVpp
1ns/div
Can substitute a
75
Ω resistor
Vertical scale: 200mV/div
End of cable before
equalization
1ns/div
Vertical scale: 200mV/div
End of cable after
equalization
Display
CSA907T
Pattern
2
23-1
Tektronix
Data
CLK
Output
CSA907T
1.3Vpp
DS100056-35
FIGURE 15. Typical Measurement Setup
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com