Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) CLC014 Datasheet HTML 15Page - National Semiconductor (TI) CLC014 Datasheet HTML 16Page - National Semiconductor (TI) CLC014 Datasheet HTML 17Page - National Semiconductor (TI) CLC014 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Evaluation Board (Continued)
CLC014 Equalizer Evaluation Board
Item
Reference
Designator
Description
Quantity
1
Q1
2N3904 transistor
1
2
CR1
1N4148 switching diode
1
3
J1, J2, J3, J4, J5
receptacle vertical BNC PC Amphenol #31-5329-52RFX
5
4
J6
banana jack, black, EF Johnson #108-0903-001
1
5
J7
banana jack, red, EF Johnson #108-0902-001
1
6
R6, R7
10 k
Ω, 1/8W, 1206, 1% chip resistors
2
7
R8, R9, R10, R11
75
Ω, 1/8W, 1206, 1% chip resistors
4
8
R13
1.33 k
Ω, 1/8W, 1206, 1% chip resistors
1
9
R3, R4
10
Ω, 1/8W, 1206, 1% chip resistors
2
10
R1, R2
100
Ω, 1/8W, 1206, 1% chip resistors
2
11
R14
20 k
Ω, 1/8W, 1206, 1% chip resistors
1
12
R12
2 k
Ω, 1/8W, 1206, 1% chip resistors
1
13
R5
49.9
Ω, 1/8W, 1206, 1% chip resistors
1
14
C2, C3, C9, C12
0.01 µFd, 10% X7R surface mount cap
3
15
C4, C7, C8, C10, C11
0.1 µFd, 10% X7R surface mount cap
5
16
C1
100 pFd, 5% NPO surface mount cap
1
17
C5, C6
6.8 µFd, 16V tantalum capacitor
2
18
CLC730063 printed circuit board
1
19
U1
CLC014AJE
1
20
D1
LED, GENERAL PURPOSE
1
LAYOUT
The CLC014 requires proper high-speed layout techniques
to obtain best results. A few recommended layout rules to fol-
low for best results when using the CLC014 Adaptive Cable
Equalizer are:
1.
Use a ground plane.
2.
Decouple power pins with 0.01 µF capacitors placed
≤ 0.1” (3mm) from the power pins.
3.
Design transmission lines to the inputs and outputs.
4.
Route outputs away from inputs.
5.
Remove ground plane
≥ 0.025” (0.06mm) from the input
and output pads.
The solder masks with component locations, trace layer, and
ground plane board layer are shown next.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com