Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 7Page - National Semiconductor (TI) CLC014 Datasheet HTML 8Page - National Semiconductor (TI) CLC014 Datasheet HTML 9Page - National Semiconductor (TI) CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) CLC014 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Layout and Measurement
The printed circuit board layout for the CLC014 requires
proper high-speed layout to achieve the performance speci-
fications found in the datasheet. The following list contains a
few rules to follow:
1.
Use a ground plane.
2.
Decouple power pins with 0.1 µF capacitors placed
≤ 0.1” (3mm) from the power pins.
3.
Design transmission strip lines from the CLC014’s input
and output pins to the board connectors.
4.
Route outputs away from inputs.
5.
Keep ground plane
≥ 0.025” (0.06mm) away from the in-
put and output pads.
Figure 8 shows a block level measurement diagram, while
Figure 15 on depicts a detailed schematic. A pseudo-random
pattern generator with low output jitter was used to provide a
NRZI pattern to create the eye diagrams shown in the
Typi-
cal Performance Characteristics section.
Since most pattern generators have a 50
Ω output imped-
ance, a translation can be accomplished using a CLC006
Cable Driver as an impedance transformer. A wide band-
width oscilloscope is needed to observe the high data rate
eye pattern. When monitoring a single output that is termi-
nated at both the equalizer output and the oscilloscope, the
effective output load is 37.5
Ω. Consequently, the signal
swing is half that observed for a single-ended 75
Ω
termination.
Troubleshooting with scope probes can affect the equaliza-
tion. For high data rates, use a
low capacitance probe with
less than 2 pF probe capacitance. Evaluation boards and lit-
erature are available for quick prototyping and evaluation of
the CLC014 Adaptive Cable Equalizer. The CLC014 con-
tains CMOS devices and operators should
use grounding
straps when handling the parts.
Figure 9 shows the CLC014’s internal power supply routing.
Bypass V
CC (pin 4) by:
•
Monolithic capacitor of about 0.1 µF placed less than 0.1”
(3mm) from the pin
•
Tantalum capacitor of about 6.8 µF for large current sig-
nal swings placed as close as convenient to the CLC014
To minimize ringing at the CLC014’s inputs, place a 100
Ω re-
sistor in series with the input. This resistor reduces induc-
tance effects.
Several layout techniques can improve high speed perfor-
mance:
•
Keep input, output and AEC traces well separated
•
Use balanced input termination’s
•
Avoid routing traces close to the CLC014’s input trace
DS100056-28
FIGURE 8. Typical Measurement Block
DS100056-29
FIGURE 9. Power Package Routing Fixture
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com