Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 6Page - National Semiconductor (TI) CLC014 Datasheet HTML 7Page - National Semiconductor (TI) CLC014 Datasheet HTML 8Page - National Semiconductor (TI) CLC014 Datasheet HTML 9Page - National Semiconductor (TI) CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Output Interfacing (Continued)
may be used. The resistive divider network provides 75
Ω ter-
mination and establishes proper ECL levels. This circuit con-
sumes slightly more power than the previous circuits.
Design Guidelines
SELECTING THE AUTOMATIC EQUALIZER CAPACITOR
The AEC capacitor sets the loop time constant
τ for the
equalizer’s adaptive loop response time. The following for-
mula is used to set the loop time constant:
τ =R • C
AEC • 10
−6
R is a conversion factor that is set by internal equalizer pa-
rameters and cable length. For Belden 8281 coaxial cable,
the R values are (
τ = µs, C
AEC in pF):
Cable
Length
R Value
(Ohms)
100 meters
15000
200 meters
20000
300 meters
32000
For example, a C
AEC value of 100 pF results in an adaptive
loop time constant of 2 µs at 200 meters of cable.
CONNECTION AND OPERATION OF CD AND MUTE
Carrier Detect (CD) is a CMOS output that indicates the
presence of equalized data from the filter. This CD output
can be connected to MUTE to suspend changes in the data
outputs DO and DO, if no valid signal exists. This simple
configuration prevents random output transitions due to
noise. For sparse transition patterns it is recommended that
a capacitor be connected to CD as shown in
Figure 1.
Add a capacitor to pin 5 to slow the response time of Carrier
Detect when Carrier Detect is connected to MUTE. The ca-
pacitor reduces sensitivity to pathological patterns. Patho-
logical patterns are defined as sparse data sequences with
few transitions.
OUTPUT EYE MONITOR OEM CONNECTIONS
The OEM is a high-speed, buffered output for monitoring the
equalized eye pattern prior to the output comparator. Its out-
put is designed to drive an AC-coupled 50
Ω coaxial cable
with a series 50
Ω backmatch resistor. The cable should be
terminated with 50
Ω at the oscilloscope. Figure 1 shows a
schematic with a typical connection.
MINIMUM DATA TRANSITIONS
The CLC014 specifies a minimum transition rate. For the
CLC014 this sets the minimum data rate for transmitting data
through any cable medium. The CLC014 minimum average
transition density is found in the Electrical Characteristics
section of the datasheet.
POWER SUPPLY OPERATION AND THERMAL
CONSIDERATIONS
The CLC014 operates from either +5V or −5.2V single sup-
plies. Refer to
Figure 1 when operating the part from +5V.
When operating with a −5.2V supply, the V
EE pins should be
bypassed to ground. The evaluation board and associated
literature provide for operation from either supply.
Maximum power dissipation occurs at minimum cable
length. Under that condition, I
CC =58mA.
Total power dissipated:
P
T = (58 mA)(5V) = 290 mW
Power in the load:
P
L = (0.7V)(11 mA) + (37.5)(11 mA)
2 =12mW
Maximum power dissipated on the die:
P
DMAX =PT–PL = 278 mW
Junction Temperature =
(
θ
JA)(278 mW) + TA =T A + 26˚C
DS100056-27
FIGURE 7. Alternative Load Terminated
Output Interface
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com