Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VYC30W Datasheet(PDF) 2 Page - CUI INC

Part # VYC30W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VYC30W Datasheet(HTML) 2 Page - CUI INC

  VYC30W Datasheet HTML 1Page - CUI INC VYC30W Datasheet HTML 2Page - CUI INC VYC30W Datasheet HTML 3Page - CUI INC VYC30W Datasheet HTML 4Page - CUI INC VYC30W Datasheet HTML 5Page - CUI INC VYC30W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VYC30W │ DESCRIPTION: DC-DC CONVERTER
date
08/29/2012 │ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
9
18
24
48
36
75
Vdc
Vdc
start-up time
10
ms
under voltage lockout
power up 24 V input
power up 48 V input
power down 24 V input
power down 48 V input
8.0
16.0
9.0
17.8
Vdc
Vdc
Vdc
Vdc
Remote on/off1
module off
module on (or open circuit)
0
3.5
1.2
12
Vdc
Vdc
filter
PI type
Notes:
1. The on/off pin voltage is referenced to GND
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
single and dual output models, measured from
low line to high line at full load
triple output models (main output), measured
from low line to high line at full load
triple output models (auxiliary outputs), measured
from low line to high line at full load
±0.2
±0.5
±1
±5
%
%
%
load regulation
single and dual output models, measured from
10% to full load at nominal input
triple output models (main output), measured
10% to full load at nominal input
triple output models (auxiliary outputs), measured
10% to full load at nominal input
±0.5
±1
±2
±5
%
%
%
voltage accuracy
single and dual output models, refer to
recommended circuit
triple output models (main output), refer to
recommended circuit
triple output models (auxiliary outputs), refer to
recommended circuit
±1
±2
±5
±3
%
%
%
transient recovery time
25% ~ 50% ~ 25% step load charge
300
500
μs
transient peak deviation
25% rated load change
300
μs
cross regulation
dual output models, main output 50% load,
supplemental output from 10~100% load
triple output models, main output and one
auxiliary output 50% load, another auxiliary
output from 10~100% load
±5
%
adjustability
±10%
Vdc
switching frequency
100% load, input voltage range
400
kHz
temperature coefficient
±0.02
%/°C
PART NUMBER KEY
VYC30W - QXX - X XX - X
Input Voltage
Output Voltage
Base Number
Heatsink
"blank" = No
H = Yes
Output
S = single output
D = dual output
T = triple output
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com