Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VYC30W Datasheet(PDF) 4 Page - CUI INC

Part # VYC30W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VYC30W Datasheet(HTML) 4 Page - CUI INC

  VYC30W Datasheet HTML 1Page - CUI INC VYC30W Datasheet HTML 2Page - CUI INC VYC30W Datasheet HTML 3Page - CUI INC VYC30W Datasheet HTML 4Page - CUI INC VYC30W Datasheet HTML 5Page - CUI INC VYC30W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VYC30W │ DESCRIPTION: DC-DC CONVERTER
date
08/29/2012 │ page 4 of 6
46.20 1.819
MAX
5
6
7
1
2
3
4
±0.5 mm [±0.020 inch]
BOTTOM VIEW
Metal Case
10.16 0.400
10.16 0.400
5.08 0.200
0.300
7.62
0.400
10.16
0.600
15.24
1.800
45.72
0.400
10.16
40.60 1.598
0.35
1.598
40.60
2.000
50.80
17.50 0.689
Metal Case
Insulative Plastic
11.80 0.465
0.138
4.10 0.161
0.441
11.20
3.50
0.039
1.00
50.80 2.000
0.35
23.00 0.906
MAX
Heatsink
Thermal Pad
Converter
Clamp
50.80 2.000
+0.8/-0.0
2.54 0.100
45.72 1.800
1.20 0.047
30.48 1.200
15.24 0.600
2.54 0.100
40.60 1.598
+0.8/-0.0
10.16 0.400
3
2
7
6
5
4
1
MECHANICAL DRAWING
RECOMMENDED FOOTPRINT (TOP VIEW)
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
Vin
Vin
Vin
2
GND
GND
GND
3
On/Off
On/Off On/Off
4
Trim
Trim
-Vo2
50V
-Vo
0V
6
+Vo
0V
+Vo1
7
No Pin
+Vo
+Vo2
unit: mm [inch]
General tolerances:
±0.25mm [±0.010 inch]
Pin section tolerances: ±0.10mm [±0.004 inch]
unit: mm [inch]
tolerance: ±0.5mm [±0.020 inch]
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com