Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VYC30W Datasheet(PDF) 1 Page - CUI INC

Part # VYC30W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VYC30W Datasheet(HTML) 1 Page - CUI INC

  VYC30W Datasheet HTML 1Page - CUI INC VYC30W Datasheet HTML 2Page - CUI INC VYC30W Datasheet HTML 3Page - CUI INC VYC30W Datasheet HTML 4Page - CUI INC VYC30W Datasheet HTML 5Page - CUI INC VYC30W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date
08/29/2012
page
1 of 6
SERIES:
VYC30W │ DESCRIPTION: DC-DC CONVERTER
date
08/29/2012
page
1 of 6
FEATURES
• up to 30 W output
• industry standard pinout
• 4:1 input range (9~36 V, 18~75 V)
• single, dual, and triple outputs
• 1,500 V isolation
• short circuit, over current, and over voltage protection
• wide temperature operation (-40~85°C)
• efficiency up to 88%
RoHS
MODEL
input
voltage
output
voltage
output
current
output
power
ripple and
noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VYC30W-Q24-S5
9 ~ 36
5
6
30
120
87
VYC30W-Q24-S12
9 ~ 36
12
2.5
30
120
88
VYC30W-Q24-S15
9 ~ 36
15
2
30
120
87
VYC30W-Q24-D5
9 ~ 36
±5
3
30
120
86
VYC30W-Q24-D12
9 ~ 36
±12
1.25
30
120
88
VYC30W-Q24-D15
9 ~ 36
±15
1
30
120
87
VYC30W-Q24-T312
9 ~ 36
3.3
±12
4
±0.625
28.2
120
85
VYC30W-Q24-T315
9 ~ 36
3.3
±15
4
±0.5
28.2
120
85
VYC30W-Q24-T512
9 ~ 36
5
±12
3
±0.625
30
120
86
VYC30W-Q24-T515
9 ~ 36
5
±15
3
±0.5
30
120
86
VYC30W-Q48-S5
18 ~ 75
5
6
30
120
87
VYC30W-Q48-S12
18 ~ 75
12
2.5
30
120
88
VYC30W-Q48-S15
18 ~ 75
15
2
30
120
87
VYC30W-Q48-D5
18 ~ 75
±5
3
30
120
86
VYC30W-Q48-D12
18 ~ 75
±12
1.25
30
120
88
VYC30W-Q48-D15
18 ~ 75
±15
1
30
120
87
VYC30W-Q48-T312
18 ~ 75
3.3
±12
4
±0.625
28.2
120
85
VYC30W-Q48-T315
18 ~ 75
3.3
±15
4
±0.5
28.2
120
85
VYC30W-Q48-T512
18 ~ 75
5
±12
3
±0.625
30
120
86
VYC30W-Q48-T515
18 ~ 75
5
±15
3
±0.5
30
120
86
Notes:
1. Ripple and noise are measured at 20 MHz BW
For more information, please visit the product page.


Similar Part No. - VYC30W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VYC30W-Q24-D12-T CUI-VYC30W-Q24-D12-T Datasheet
379Kb / 6P
DC-DC CONVERTER
VYC30W-Q24-D15-T CUI-VYC30W-Q24-D15-T Datasheet
379Kb / 6P
DC-DC CONVERTER
VYC30W-Q24-D5-T CUI-VYC30W-Q24-D5-T Datasheet
379Kb / 6P
DC-DC CONVERTER
VYC30W-Q24-S12-T CUI-VYC30W-Q24-S12-T Datasheet
379Kb / 6P
DC-DC CONVERTER
VYC30W-Q24-S15-T CUI-VYC30W-Q24-S15-T Datasheet
379Kb / 6P
DC-DC CONVERTER
More results

Similar Description - VYC30W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com