Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VYC30W Datasheet(PDF) 5 Page - CUI INC

Part # VYC30W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VYC30W Datasheet(HTML) 5 Page - CUI INC

  VYC30W Datasheet HTML 1Page - CUI INC VYC30W Datasheet HTML 2Page - CUI INC VYC30W Datasheet HTML 3Page - CUI INC VYC30W Datasheet HTML 4Page - CUI INC VYC30W Datasheet HTML 5Page - CUI INC VYC30W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VYC30W │ DESCRIPTION: DC-DC CONVERTER
date
08/29/2012 │ page 5 of 6
1. EMI & EMS recommended external circuit
APPLICATION NOTES
Figure 2 (Dual output)
Figure 1 (Single output)
Figure 3 (Triple output)
Single output, 18 ~ 75 Vin
Single output, 9 ~ 36 Vin
Dual output, 18 ~ 75 Vin
Dual output, 9 ~ 36 Vin
Triple output, 18 ~ 75 Vin
Triple output, 9 ~ 36 Vin
TVS
SMCJ90A,1500W(Bringtking)
SMCJ48A,1500W(Bringtking)
SMCJ90A,1500W(Bringtking)
SMCJ48A,1500W(Bringtking)
SMCJ48A,1500W(Bringtking)
SMCJ48A,1500W(Bringtking)
LCM
232uH(0.1V 100KHz) 15T
core: N5 T12*6*4 (Acme)
232uH(0.1V 100KHz) 15T
core: N5 T12*6*4 (Acme)
232uH(0.1V 100KHz) 15T
core: N5 T12*6*4 (Acme)
232uH(0.1V 100KHz) 15T
core: N5 T12*6*4 (Acme)
232uH(0.1V 100KHz) 15T
core: N5 T12*6*4 (Acme)
232uH(0.1V 100KHz) 15T
core: N5 T12*6*4 (Acme)
C0
680μF/1,000V (CapXon)
1,000μF/50V(CapXon)
680μF/100V (CapXon)
1000μF/50V(CapXon)
680μF/50V(CapXon)
1,000μF/100V (CapXon)
C1
105K/100V 1210(TDK)
105K/100V 1210(TDK)
105K/100V 1210(TDK)
105K/100V 1210(TDK)
105K/100V 1210(TDK)
105K/100V 1210(TDK)
C2
225K/100V 1210(TDK)
225K/100V 1210(TDK)
225K/100V 1210(TDK)
225K/100V 1210(TDK)
225K/100V 1210(TDK)
225K/100V 1210(TDK)
C3
No component
No component
102K/2,000V 1206 (TDK)
102K/2,000V 1200 (TDK)
No component
No component
C4
No component
No component
102K/2,000V 1206 (TDK)
102K/2,000V 1206 (TDK)
102K/2,000V 1206 (TDK)
102K/2,000V 1206 (TDK)
C4
CASE
+Vo
0V
Vin
GND
LCM
C2
C1
C3
LOAD
+C0
TVS
-INPUT
+INPUT
C4
CASE
+Vo
-VO
VIN
GND
LCM
C2
C1
C3
LOAD 1
+C0
TVS
-INPUT
+INPUT
LOAD 2
0V
C4
CASE
+Vo1
-Vo2
VIN
GND
LCM
C2
C1
C3
LOAD 3
+C0
TVS
-INPUT
+INPUT
LOAD 2
0V
+Vo2
LOAD 1
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com