Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VYC30W Datasheet(PDF) 3 Page - CUI INC

Part # VYC30W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VYC30W Datasheet(HTML) 3 Page - CUI INC

  VYC30W Datasheet HTML 1Page - CUI INC VYC30W Datasheet HTML 2Page - CUI INC VYC30W Datasheet HTML 3Page - CUI INC VYC30W Datasheet HTML 4Page - CUI INC VYC30W Datasheet HTML 5Page - CUI INC VYC30W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VYC30W │ DESCRIPTION: DC-DC CONVERTER
date
08/29/2012 │ page 3 of 6
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
hiccups, automatic recovery
over current protection
input voltage range
130
%
over voltage protection
single and dual output
models (main)
triple output models (main)
5 V
12 V
15 V
3.3 V
5 V
6.1
15
18
3.9
6.2
Vdc
Vdc
Vdc
Vdc
Vdc
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
tested for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
isolation capacitance
100 kHz / 0.1 V
2,000
pF
RoHS compliant
yes
MTBF
M1L-HDBK-217F
1,000,000
hours
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
85
°C
maximum case temperature
during operation
105
°C
storage temperature
-40
125
°C
storage humidity
non-condensing
5
95
%
DERATING CURVES
output power vs. ambient temperature
without heat sink
with heatsink
2
1
100
80
60
40
20
Ambient Temperature (°C)
-40
55
065
85
1
2
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.0 x 1.6 x 0.44 inch (50.8 x 40.6 x 11.2mm)
case material
nickel-coated copper (six-sided)
weight
with heat sink
50
70
g
g
(Natural Convection)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com