Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC416 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC416
Description  Dual Low-Power, 120MHz Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC416 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC416 Datasheet HTML 1Page - National Semiconductor (TI) CLC416 Datasheet HTML 2Page - National Semiconductor (TI) CLC416 Datasheet HTML 3Page - National Semiconductor (TI) CLC416 Datasheet HTML 4Page - National Semiconductor (TI) CLC416 Datasheet HTML 5Page - National Semiconductor (TI) CLC416 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLC416 Typical Performance Characteristics (Vcc = ±5V, Av = +2, R
f = 348Ω
Ω,, R
L = 100Ω
Ω; unless specified)
Frequency Response
Frequency (MHz)
1
10
100
Vo = 0.5Vpp
-90
-180
-450
-270
-360
0
Av = 1
Rf = 1.65kΩ
Av = 2
Rf = 348Ω
Av = 4
Rf = 200Ω
Av = 10
Rf = 100Ω
Inverting Frequency Response
Frequency (MHz)
1
10
100
-270
-360
-630
-450
-540
-180
-90
0
Av = -1
Rf = 2kΩ
Vo = 0.5Vpp
Av = -4
Rf = 255Ω
Av = -10
Rf = 200Ω
Av = -2
Rf = 348Ω
Frequency Response vs. RL
Frequency (MHz)
1
10
100
-90
-180
-450
-270
-360
0
RL = 100Ω
Vo = 1Vpp
Av = +2
RL = 1kΩ
RL = 50Ω
RL = 50Ω
RL = 100Ω
RL = 1kΩ
Frequency Response vs. Vout
Frequency (MHz)
1
10
100
1Vpp
Av = +2
0.2Vpp
2Vpp
5Vpp
Frequency Response vs. CL
Frequency (MHz)
1
10
100
Vo = 1Vpp
Rs = 107Ω
CL = 10pF
Rs = 39.25Ω
CL = 47pF
Rs = 27.4Ω
CL = 100pF
Rs = 8Ω
CL = 1000pF
R
s
1k
348
Ω
348
Ω
C
L
Open Loop Transimpedance Gain, Z(s)
1k
10M
100M
Frequency (Hz)
130
110
90
70
50
30
200
160
120
80
40
0
Gain
Phase
1M
100k
10k
100
Ω
-
+
CLC416
V
o
I
i
Maximum Output Voltage vs. RL
Load (
Ω)
0
100
200
300
400
-4
-2
0
2
4
500
600
Recommended Rs vs. Capacitive Load
CL (pF)
0
20
40
60
80
100
120
10
100
1000
2nd & 3rd Harmonic Distoration
Frequency (MHz)
1
10
-70
-80
-90
-60
-50
-40
Vo = 2Vpp
3rd, RL = 100Ω
2nd, RL = 100Ω
2nd, RL = 1kΩ
3rd, RL = 1kΩ
2nd Harmonic Distortion vs. Pout
Output Power (dBm)
-90
-85
-80
-75
-70
-65
-60
-55
-10
-5
0
5
10
1MHz
500kHz
5MHz
10MHz
50
Ω
348
Ω
348
Ω
50
Ω
P
o
3rd Harmonic Distortion vs. Pout
Output Power (dBm)
-100
-90
-80
-70
-60
-50
-40
-10
-5
0
5
10
1MHz
500kHz
5MHz
10MHz
50
Ω
348
Ω
348
Ω
50
Ω
P
o
Differential Gain & Phase
Number of 150
Ω Loads
0
1
2
4
0
0.01
0.03
0.02
0.06
0.03
0.09
0.04
0.12
0.05
0.15
0.06
0.18
0.07
0.21
0.08
0.24
0.09
0.27
0.1
0.30
Phase Negative Sync
Phase Positive Sync
Gain Positive Sync
Gain Negative
Sync
3
Small Signal Pulse Response
Time (5ns/div)
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
Av = +1
Av = -1
Large Signal Pulse Response
Time (5ns/div)
-2
-1
0
1
2
Av = +2
Av = -2
PSRR and CMRR
10k
100k
1M
Frequency (Hz)
10M
100M
60
50
40
30
20
10
PSRR
CMRR
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com