Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC416 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC416
Description  Dual Low-Power, 120MHz Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC416 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC416 Datasheet HTML 1Page - National Semiconductor (TI) CLC416 Datasheet HTML 2Page - National Semiconductor (TI) CLC416 Datasheet HTML 3Page - National Semiconductor (TI) CLC416 Datasheet HTML 4Page - National Semiconductor (TI) CLC416 Datasheet HTML 5Page - National Semiconductor (TI) CLC416 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CLC416 Typical Performance Characteristics (Vcc = ±5V, Av = +2, R
f = 348Ω
Ω,, R
L = 100Ω
Ω; unless specified)
CLC416 OPERATION
Description
The CLC416 is a dual current feedback amplifier with
the following features:
s
Differential gain and phase errors of 0.01%
and 0.03° into a 150
Ω load
s
Low, 3.9mA, supply current per amplifier
The professional video quality differential gain and
phase errors and low power capabilities of the CLC416
make this product a good choice for video applications.
Gain
The non-inverting and inverting gain equations for the
CLC416 are as follows:
Non-inverting Gain:
Inverting Gain:
Where Rf is the feedback resistor and Rg is the gain
setting resistor. Figure 1 shows the general non-invert-
ing gain configuration including the recommended
bypass capacitors.
Figure 1: Recommended Non-Inverting Gain Circuit
Feedback Resistor Selection
The feedback resistor, Rf, determines the loop gain
and frequency response of a current feedback
amplifier. Optimum performance of the CLC416, at a
gain of +2V/V, is achieved with Rf equal to 348Ω. The
frequency response plots in the typical performance
section illustrate the recommended Rf for several
gains. Within limits, Rf can be adjusted to optimize the
frequency response.
s
Decrease Rf to peak frequency response and
extend bandwidth
s
Increase Rf to roll off frequency response and
reduce bandwidth
As a rule of thumb, if the recommended Rf is doubled,
the bandwidth will be cut in half.
Channel Matching
Channel matching and crosstalk efficiency are largely
dependent on board layout.
The layout of National’s
dual amplifier evaluation boards are designed to produce
optimum channel matching and isolation.
Typical
channel matching for the CLC416 is shown in Figure 2.
Figure 2: Channel Matching
The CLC416’s channel-to-channel isolation is better
than 70dB for input frequencies of 4MHz. Input
referred crosstalk vs. frequency is illustrated in Figure 3.
Typical DC Errors vs. Temperature
Temperature (
°C)
6
5
4
1
-50
0
100
3
2
IBN
1
0
-1
-2
-3
50
IBI
VIO
Equivalent Input Noise
Frequency (Hz)
100
10
1
1k
100
10k
100k
1M
10M
100
10
1
Inverting Current = 12pA/
√Hz
Voltage = 5nV/
√Hz
Non-Inverting Current = 3pA/
√Hz
Power Derating Curves
Ambient Temperature (
°C)
0.8
1.0
0.6
0
0
20
40
60
80
100
120 140
160 180
0.4
0.2
AJE
AJP
1
R
R
f
g
+
−
R
R
f
g
+
-
CLC416
Rf
0.1
µF
6.8
µF
Vo
Vin
+Vcc
0.1
µF
6.8
µF
-Vcc
RL
Rg
Rin
g
Frequency (MHz)
1
10
100
Av = +2
RL = 100Ω
Vo = 2Vpp
-450
-360
-270
-180
-90
0
Channel B
Channel B
Channel A
Channel A
http://www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com