Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC416 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC416
Description  Dual Low-Power, 120MHz Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC416 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC416 Datasheet HTML 1Page - National Semiconductor (TI) CLC416 Datasheet HTML 2Page - National Semiconductor (TI) CLC416 Datasheet HTML 3Page - National Semiconductor (TI) CLC416 Datasheet HTML 4Page - National Semiconductor (TI) CLC416 Datasheet HTML 5Page - National Semiconductor (TI) CLC416 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC416AJ
+25˚C
+25˚C
0 to 70˚C
-40 to 85˚C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vout < 1.0Vpp
120
65
45
45
MHz
Vout < 5.0Vpp
52
40
36
35
MHz
1
±0.1dB bandwidth
Vout < 1.0Vpp
30
15
MHz
gain flatness
Vout < 1.0Vpp
peaking
DC to 200MHz
0.1
0.7
0.8
1.0
dB
rolloff
<30MHz
0
0.3
0.6
0.6
dB
linear phase deviation
<20MHz
0.3
0.6
0.7
0.7
deg
differential gain
4.43MHz, RL=150Ω
0.01
0.04
0.04
0.04
%
differential phase
4.43MHz, RL=150Ω
0.03
0.08
0.11
0.12
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
4.3
6.5
7.2
7.4
ns
settling time to 0.05%
2V step
22
30
38
41
ns
overshoot
2V step
3
12
12
12
%
slew rate
AV = +2
2V step
400
300
260
250
V/
µs
AV = -1
1V step
700
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-80
dBc
3rd harmonic distortion
2Vpp, 1MHz
-80
dBc
2nd harmonic distortion
2Vpp, 10MHz
-65
-55
-50
-47
dBc
3rd harmonic distortion
2Vpp, 10MHz
-57
-50
-45
-45
dBc
equivalent input noise
voltage
>1MHz
5
6.3
6.6
6.7
nV/
√Hz
inverting current
>1MHz
12
15
16
17
pA/
√Hz
non-inverting current
>1MHz
3
3.8
4.0
4.2
pA/
√Hz
crosstalk, input referred
2Vpp, 10MHz
72
66
66
66
dB
STATIC DC PERFORMANCE
input offset voltage
1
5
7
8
mV
A
average drift
30
50
50
µV/˚C
input bias current
non-inverting
100
900
1600
2800
nA
A
average drift
3
8
11
nA/˚C
input bias current
inverting
1
5
6
8
µAA
average drift
17
40
45
nA/˚C
power supply rejection ratio
DC
52
47
47
45
dB
common-mode rejection ratio
DC
50
45
45
43
dB
supply current per channel
RL= ∞
3.9
4.5
4.6
4.9
mA
A
MISCELLANEOUS PERFORMANCE
input resistance
non-inverting
6
3
2.4
1
M
Ω
input capacitance
non-inverting
1
2
2
2
pF
common mode input range
±2.2
±1.8
±1.7
±1.5
V
output voltage range
RL = 100Ω
+3.5,-2.9
+3.1/-2.8
+2.9/-2.7
+2.4/-1.7
V
output voltage range
RL = ∞
+4.0,-3.4
+3.9/-3.3
+3.8/-3.2
+3.7/-2.8
V
output current
60
44
38
20
mA
output resistance, closed loop
0.06
0.2
0.25
0.4
Ω
Recommended gain range +1 to +40V/V
Transistor count = 110
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
CLC416 Electrical Characteristics (A
V = +2, Rf = 348Ω: Vcc = + 5V, RL = 100Ω unless specified)
Absolute Maximum Ratings
supply voltage
±7V
Iout is short circuit protected to ground
common-mode input voltage
±Vcc
maximum junction temperature
+175˚C
storage temperature range
-65˚C to +150˚C
lead temperature (soldering 10 sec)
+300˚C
ESD rating (human body model)
1000V
Notes
1) At temps < 0˚C, spec is guaranteed for RL = 500Ω.
A) J-level: spec is 100% tested at +25˚C.
Ordering Information
Model
Temperature Range
Description
CLC416AJP
-40˚C to +85˚C
8-pin PDIP
CLC416AJE
-40˚C to +85˚C
8-pin SOIC
Package Thermal Resistance
Package
θ
JC
θ
JA
Plastic (AJP)
80°C/W
95°C/W
Surface Mount (AJE)
95°C/W
115°C/W
http://www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com