Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC416 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC416
Description  Dual Low-Power, 120MHz Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC416 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC416 Datasheet HTML 1Page - National Semiconductor (TI) CLC416 Datasheet HTML 2Page - National Semiconductor (TI) CLC416 Datasheet HTML 3Page - National Semiconductor (TI) CLC416 Datasheet HTML 4Page - National Semiconductor (TI) CLC416 Datasheet HTML 5Page - National Semiconductor (TI) CLC416 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Typical Application Diagram
Instrumentation Amplifier
Pinout
DIP & SOIC
CLC416
Dual Low-Power, 120MHz Op Amp
September 1998
Features
s
0.01%, 0.03° DG, Dφ
s
Very low input bias current: 100nA
s
High input impedance: 6M
Ω
s
120MHz -3dB bandwidth (Av = +2)
s
Low power
s
High output current: 60mA
s
Low-cost
Applications
s
Desktop video systems
s
Video distribution
s
Flash A/D driver
s
High-speed driver
s
High-source impedance applications
s
Professional video processing
s
High resolution monitors
General Description
The CLC416 is a dual, wideband (120MHz)
op amp.
The
CLC416 consumes only 39mW per channel and can source or
sink an output current of 60mA.
These features make the
CLC416 a versatile, high-speed solution for demanding
applications that are sensitive to both power and cost.
Utilizing National’s proven architectures, this dual current
feedback amplifier surpasses the performance of alternative
solutions and sets new standards for low power. This power-
conserving dual op amp achieves low distortion with -80dBc and
-80dBc second and third harmonics respectively. Many high
source impedance applications will benefit from the CLC416’s
6M
Ω input impedance. And finally, designers will have a bipolar
part with an exceptionally low 100nA non-inverting bias current.
With 0.1dB flatness to 30MHz and low differential gain and phase
errors, the CLC416 is an ideal part for professional video
processing and distribution. The 120MHz -3dB bandwidth (Av =
+2) coupled with a 400V/
µs slew rate also makes the CLC416
a perfect choice in cost-sensitive applications such as video
monitors, fax machines, copiers, and CATV systems.
Vo1
Vinv1
Vnon-inv1
-VCC
Vo2
Vinv2
Vnon-inv2
+VCC
+
-
348
Ω
1/2
CLC416
R1
348
Ω
-
+
1/2
CLC416
348
Ω
348
Ω
Vout = 3(V2 - V1)
348
Ω
348
Ω
348
Ω
-
+
CLC405
V1
V2
Frequency Response (Av = +2V/V)
N
© 1998 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC416

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
logo
Texas Instruments
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
Fast Settling, Video Op Amp
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
National Semiconductor ...
CLC411A8B NSC-CLC411A8B Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
More results

Similar Description - CLC416

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
AUK corp
A358 AUK-A358 Datasheet
199Kb / 4P
Low Power Dual OP AMP
S358 AUK-S358 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
logo
AUK corp
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
Low Power Dual OP AMP
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com