Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC416 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC416
Description  Dual Low-Power, 120MHz Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC416 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC416 Datasheet HTML 1Page - National Semiconductor (TI) CLC416 Datasheet HTML 2Page - National Semiconductor (TI) CLC416 Datasheet HTML 3Page - National Semiconductor (TI) CLC416 Datasheet HTML 4Page - National Semiconductor (TI) CLC416 Datasheet HTML 5Page - National Semiconductor (TI) CLC416 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 3: Input Referred Crosstalk vs. Frequency
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the CLC416 will
improve stability. The
Rs vs. Capacitive Load plot,
in the
Typical Performance section, gives the
recommended series resistance value for optimum
flatness at various capacitive loads.
Power Dissipation
The power dissipation of an amplifier can be described
in two conditions:
s
Quiescent Power Dissipation -
PQ (No Load Condition)
s
Total Power Dissipation -
PT (with Load Condition)
The following steps can be taken to determine the
power consumption for each CLC416 amplifier:
1. Determine the quiescent power
PQ = Icc (VCC -VEE)
2. Determine the RMS power at the output stage
PO = (Vcc - Vload) (Iload), where Vload and Iload
are the RMS voltage and current across the
external load.
3. Determine the total RMS power
PT = PQ + PO
Add the total RMS powers for both channels to deter-
mine the power dissipated by the dual.
The maximum power that the package can dissipate at
a given temperature is illustrated in the
Power
Derating curves in the Typical Performance section.
The power derating curve for any package can be
derived by utilizing the following equation:
where: Tamb = Ambient temperature (°C)
θ
JA = Thermal resistance, from junction to
ambient, for a given package (°C/W)
Layout Considerations
A proper printed circuit layout is essential for achieving
high
frequency
performance.
National
provides
evaluation boards for the CLC416 (CLC730038 - DIP,
CLC730036 - SOIC) and suggests their use as a guide
for high frequency layout and as an aid for device test-
ing and characterization.
Supply bypassing is required for best performance.
The bypass capacitors provide a low impedance return
current path at the supply pins. They also provide high
frequency filtering on the power supply traces. Other
layout factors play a major role in high frequency
performance. The following are recommended as a
basis for high frequency layout:
1. Include 6.8
µF tantalum and 0.1µF ceramic
capacitors on both supplies.
2. Place the 6.8
µF capacitors within 0.75 inches
of the power pins.
3. Place the 0.1
µF capacitors within 0.1 inches
of the power pins.
4. Remove the ground plane under and around
the part, especially near the input and output
pins to reduce parasitic capacitance.
5. Minimize all trace lengths to reduce series
inductances.
Additional information is included in the evaluation
board literature.
SPICE Models
SPICE models provide a means to evaluate amplifier
designs. Free SPICE models are available for
National’s monolithic amplifiers that:
s
Support Berkeley SPICE 2G and its many
derivatives
s
Reproduce typical DC, AC, Transient, and
Noise performance
s
Support room temperature simulations
The
readme file that accompanies the diskette lists
released models, and provides a list of modeled para-
meters.
The application note OA-18, Simulation
SPICE Models for National’s Op Amps, contains
schematics and a reproduction of the
readme file.
Applications Circuits
Instrumentation Amplifier
An instrumentation circuit is shown on the front page
and reproduced in Figure 4. The DC CMRR can be
fine tuned by adjusting R1.
Figure 4: Instrumentation Amplifier
P
(175
Tamb)
JA
=
°−
θ
+
-
348
Ω
1/2
CLC416
R1
348
Ω
-
+
1/2
CLC416
348
Ω
348
Ω
Vout = 3(V2 - V1)
348
Ω
348
Ω
348
Ω
-
+
CLC405
V1
V2
Frequency (MHz)
-120
-100
-80
-60
-40
-20
1
100
10
5
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com