Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC430 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC430
Description  General Purpose 100MHz Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC430 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC430 Datasheet HTML 1Page - National Semiconductor (TI) CLC430 Datasheet HTML 2Page - National Semiconductor (TI) CLC430 Datasheet HTML 3Page - National Semiconductor (TI) CLC430 Datasheet HTML 4Page - National Semiconductor (TI) CLC430 Datasheet HTML 5Page - National Semiconductor (TI) CLC430 Datasheet HTML 6Page - National Semiconductor (TI) CLC430 Datasheet HTML 7Page - National Semiconductor (TI) CLC430 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
Model
Temperature Range
Description
CLC430AJP
-40°C to +85°C
8-pin PDIP
CLC430AJE
-40°C to +85°C
8-pin SOIC
CLC430A8B
-55°C to +125°C
8-pin CERDIP, MIL-STD-883
DESC SMD number: 5962-92030.
Ordering Information
Reliability Information
Transistor count
38
Package Thermal Resistance
Package
θθθθθ
JC
θθθθθ
JA
AJP
60°C/W
115°C/W
AJE
55°C/W
135°C/W
A8B
30°C/W
120°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com