Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC430 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC430
Description  General Purpose 100MHz Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC430 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC430 Datasheet HTML 1Page - National Semiconductor (TI) CLC430 Datasheet HTML 2Page - National Semiconductor (TI) CLC430 Datasheet HTML 3Page - National Semiconductor (TI) CLC430 Datasheet HTML 4Page - National Semiconductor (TI) CLC430 Datasheet HTML 5Page - National Semiconductor (TI) CLC430 Datasheet HTML 6Page - National Semiconductor (TI) CLC430 Datasheet HTML 7Page - National Semiconductor (TI) CLC430 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vin
-Vcc
Vout
Add R to
improve
DG and DP
p
Rp
Rf
Rg
Rs
Rin
CLC430
+
-
Fig. 3 Improved DG and DP Video Amplifier
Printed Circuit Layout
To get the best amplifier performance careful placement of
the amplifier, components and printed circuit traces must
be observed. Place the 0.1
µFceramicdecouplingcapaci-
tors less than 0.1" (3mm) from the power supply pins.
Place the 6.8
µF tantalum capacitors less than 0.75"
(20mm) from the power supply pins. Shorten traces
between the inverting pin and components to less than
0.25" (6mm). Clear ground plane 0.1" (3mm) away from
pads and traces that connect to the inverting, non-
inverting and output pins. Do not place ground or power
plane beneath the op-amp package. Comlinear provides
literature and evaluation boards 730013 DIP or 730027
SOIC illustrating the recommended op-amp layout.
Applications Circuits
Level Shifting
The circuit shown in Fig. 4 implements level shifting by AC
coupling the input signal and summing a DC voltage. The
resistor Rin and the capacitor C set the high-pass break
frequency. The amplifier closed-loop bandwidth is fixed by
the selection of Rf. The DC and AC gains for circuit of Fig.
4 are different. The AC gain is set by the ratio of Rf and Rg.
And the DC gain is set by the parallel combination of Rg
and R2.
C
Vin
DC
Vin
AC
Vout
Rf
Rg
R2
Rin
+
-
CLC430
Fig. 4 Level Shifting Circuit
Multiplexing
Multiple signal switching is easily handled with the disable
function of the CLC430. Board trace capacitance at the
output pin will affect the frequency response and switching
transients. To lessen the effects of output capacitance
place a resistor (Ro) within the feedback loop to isolate the
outputs as shown in Fig. 5. To match the mux output
impedance to a transmission line, add a resistor (Rs) in
series with the output.
Rf
Rf
Rs
Ro
Ro
Rin
Rin
RL
Rg
Rg
Vout
Vin1
Vin2
DIS1
DIS2
CLC430
CLC430
Fig. 5 Output Connection
Automatic Gain Control
Current-feedback amplifiers can implement very fast
automatic-gain control circuits. The circuit shown in Fig.
6 shows an AGC circuit using the CLC430, a half-wave
rectifier, an integrator and a FET. The CLC430 current-
feedback amplifier maintains constant bandwidth and
linear phase over AGC's gain range. This circuit effectively
controls the output level for continuous signals.
Fig. 6 AGC Circuit
The bandwidth of the CLC430 AGC is limited by R
f
, the
feedback resistor. The FET gate voltage is limited to a
range of:
R of 750
Ω and C1 of 1.0µF gives a useful R
ds
range of
approximately 150 to 2K ohms. Scaling the integrator gain
or adding attenuation before the diode D accommodates
large signal swings. Determine the overall gain by:
The integrator sets the loop time constant.
−<
< −
25
1
.Vg
1
+
+
R
RR
f
gds
VV
R
R
V
R
R
out
in
f
g
in
f
ac
DC
=+


−
1
22
||R
http://www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com