Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC430 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC430
Description  General Purpose 100MHz Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC430 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC430 Datasheet HTML 1Page - National Semiconductor (TI) CLC430 Datasheet HTML 2Page - National Semiconductor (TI) CLC430 Datasheet HTML 3Page - National Semiconductor (TI) CLC430 Datasheet HTML 4Page - National Semiconductor (TI) CLC430 Datasheet HTML 5Page - National Semiconductor (TI) CLC430 Datasheet HTML 6Page - National Semiconductor (TI) CLC430 Datasheet HTML 7Page - National Semiconductor (TI) CLC430 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
CLC430
General Purpose 100MHz Op Amp with Disable
General Description
The CLC430 is a low-cost, wideband monolithic amplifier for general
purpose applications. The CLC430 utilizes National’s patented
current feedback circuit topology to provide an op amp with a slew rate
of 2000V/
µs, 100MHz unity-gain bandwidth and fast output disable
function. Like all current feedback op amps, the CLC430 allows the
frequency response to be optimized (or adjusted) by the selection of
the feedback resistor. For demanding video applications, the 0.1dB
bandwidth to 20MHz and differential gain/phase of 0.03%/0.05° make
the CLC430 the preferred component for broadcast quality NTSC and
PAL video systems.
The large voltage swing (28Vpp), continuous output current (85mA)
and slew rate (2000V/
µs) provide high-fidelity signal conditioning for
applications such as CCDs, transmission lines and low impedance
circuits. Even driving loads of 100
Ω, the CLC430 provides very low
2nd and 3rd harmonic distortion at 1MHz (-76/-82dBc).
Video distribution, multimedia and general purpose applications will
benefit from the CLC430’s wide bandwidth and disable feature. Power
is reduced and the output becomes a high impedance when disabled.
The wide gain range of the CLC430 makes this general purpose op
amp an improved solution for circuits such as active filters, differen-
tial-to-single-ended drivers, DAC transimpedance amplifiers and
MOSFET drivers.
June 1999
Features
s
0.1dB gain flatness to 20MHz (Av=+2)
s
100MHz bandwidth (Av=+1)
s
2000V/
µs slew rate
s
0.03%/0.05° differential gain/phase
s
±5V, ±15V or single supplies
s
100ns disable to high-impedance output
s
Wide gain range
s
Low cost
Applications
s
Video distribution
s
CCD clock driver
s
Multimedia systems
s
DAC output buffers
s
Imaging systems
Pinout
DIP & SOIC
Typical Application
CCD Clock Driver
© 1999 National SemiconductorCorporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC431 NSC-CLC431 Datasheet
863Kb / 8P
Dual Wideband Monolithic Op Amp with Disable
CLC432 NSC-CLC432 Datasheet
863Kb / 8P
Dual Wideband Monolithic Op Amp with Disable
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC436AJ NSC-CLC436AJ Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
More results

Similar Description - CLC430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
CLC431 NSC-CLC431 Datasheet
863Kb / 8P
Dual Wideband Monolithic Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com