Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC430 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC430
Description  General Purpose 100MHz Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC430 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC430 Datasheet HTML 1Page - National Semiconductor (TI) CLC430 Datasheet HTML 2Page - National Semiconductor (TI) CLC430 Datasheet HTML 3Page - National Semiconductor (TI) CLC430 Datasheet HTML 4Page - National Semiconductor (TI) CLC430 Datasheet HTML 5Page - National Semiconductor (TI) CLC430 Datasheet HTML 6Page - National Semiconductor (TI) CLC430 Datasheet HTML 7Page - National Semiconductor (TI) CLC430 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CLC430 Electrical Characteristics (V
CC = ±15V; AV = +2V/V; Rf =604
Ω
Ω
Ω
Ω
Ω; R
L = 100
Ω
Ω
Ω
Ω
Ω; unless noted)
PARAMETERS
CONDITIONS
Vcc
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC430
25°C
25°C
0 to 70°C -40 to 85°C
FREQUENCY DOMAIN RESPONSE
unity-gain bandwidth
Vout < 1.0Vpp
±15
100
MHz
small-signal bandwidth
Vout < 1.0Vpp
±15
75
50
45
42
MHz
V
out < 1.0V
pp
±5
55
35
MHz
0.1dB bandwidth
Vout < 1.0Vpp
±15
20
7
MHz
Vout < 1.0Vpp
±5
16
MHz
large-signal bandwidth
V
out = 10V
pp
30
22
20
19
MHz
gain flatness
Vout < 1.0Vpp
peaking
DC to 10MHz
0.0
0.1
0.2
0.2
dB
rolloff
DC to 20MHz
0.1
0.7
1.0
1.2
dB
linear phase deviation
DC to 20MHz
0.5
1.8
2.0
2.1
°
differential gain
4.43MHz, RL=150
Ω ±15
0.03
0.05
0.06
0.06
%
4.43MHz, R
L=150
Ω
±5
0.03
0.05
%
differential phase
4.43MHz, RL=150
Ω ±15
0.05
0.09
0.12
0.13
°
4.43MHz, RL=150
Ω
±5
0.09
0.19
°
TIME DOMAIN RESPONSE
rise and fall time
2V step
5
7
7
7
ns
10V step
10
14
14
14
ns
settling time to 0.05%
2V step
35
50
55
55
ns
overshoot
2V step
5
15
15
15
%
slew rate
20V step
2000
1500
1450
1450
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1Vpp,1MHz, RL=500
-89
dBc
3rd harmonic distortion
1Vpp,1MHz, RL=500
-92
dBc
input voltage noise
>1MHz
3.0
3.5
3.7
3.8
nV/
√Hz
non-inverting input current noise >1MHz
3.2
6.0
6.3
6.8
pA/
√Hz
inverting input current noise
>1MHz
15
18
20
21
pA/
√Hz
DC PERFORMANCE
input offset voltage
±15
1.0
7.5
9.0
10.0
mV
A
average drift
25
---
50
50
µV/ C
input bias current
non-inverting
±15,±5
3
14
16
20
µAA
average drift
10
---
100
100
nA/°C
input bias current
inverting
±15,±5
3
14
15
17
µAA
average drift
10
---
60
90
nA/°C
power-supply rejection ratio
DC
62
56
54
53
dB
common-mode rejection ratio DC
62
54
53
52
dB
supply current
RL=
∞
±15,±5
11, 8.5
12
13
14.5
mA
A
disabled
R
L=
∞
±15,±5
1.5
2.0
2.2
2.4
mA
A
SWITCHING PERFORMANCE
turn on time
200
300
320
340
ns
turn off time
(Note 2)
100
200
200
200
ns
off isolation
10MHz
59
56
56
56
dB
high input voltage
VIH
±15
11.8
12.5
12.7
V
±5
1.8
2.5
2.7
V
low input voltage
VIL
±15
10.8
10.5
10.0
V
±5
0.8
0.6
0.1
V
MISCELLANEOUS PERFORMANCE
Non-inverting input resistance
8.0
3.0
2.5
1.7
M
Ω
Non-inverting input capacitance
0.5
1.0
1.0
1.0
pF
input voltage range
common mode
±15
±12.5
±12.3
±12.1
±11.8
V
common mode
±5
±2.5
±2.3
±2.2
±1.9
V
output voltage range
R
L=
∞
±15
±14
±13.7
±13.7
±13.6
V
RL=
∞
±5
±4.0
±3.9
±3.8
±3.7
V
output current
±85
±60
±50
±45
mA
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
http://www.national.com
2
Absolute Maximum Ratings
supply voltage
±16.5V
short circuit current
(note 1)
common-mode input voltage
±Vcc
maximum junction temperature
+150°C
storage temperature
-65°C to+150°C
lead temperature (soldering 10 sec)
+300°C
ESD rating (human body model)
4000V
Notes
A)J-level: spec is 100% tested at +25°C.
1) Output is short circuit protected to ground, however
maximum reliability is obtained if output current does not
exceed 125mA.
2) To>50dB attenuation @ 10MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com