Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC430 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC430
Description  General Purpose 100MHz Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC430 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC430 Datasheet HTML 1Page - National Semiconductor (TI) CLC430 Datasheet HTML 2Page - National Semiconductor (TI) CLC430 Datasheet HTML 3Page - National Semiconductor (TI) CLC430 Datasheet HTML 4Page - National Semiconductor (TI) CLC430 Datasheet HTML 5Page - National Semiconductor (TI) CLC430 Datasheet HTML 6Page - National Semiconductor (TI) CLC430 Datasheet HTML 7Page - National Semiconductor (TI) CLC430 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
General Design Considerations
The CLC430 is a general purpose current-feedback ampli-
fier for use in a variety of small- and large-signal applica-
tions. Use the feedback resistor to fine tune the gain
flatness and -3dB bandwidth for any gain setting. Com-
linear provides information for the performance at a gain of
+2 for small and large signal bandwidths. The plots show
feedback resistor values for selected gains.
Gain
Use the following equations to set the CLC430's non-
inverting or inverting gain:
Non -Inverting Gain = 1+
R
R
f
g
Inverting Gain = -
R
R
f
g
Choose the resistor values for non-inverting or inverting
gain by the following steps.
Vin
Vout
Rf
Rg
Rs
Rin
CLC430
+
-
Fig. 0 Component Identification
1)
Select the recommended feedback resistor Rf (refer
to plot in the plot section entitled
Rf vs Gain).
2)
Choose the value of Rg to set gain.
3)
Select Rs to set the circuit output impedance.
4)
Select Rin for input impedance and input bias.
High Gains
Current feedback closed-loop bandwidth is independent of
gain-bandwidth-product for small gain changes. For larger
gain changes the optimum feedback register R
f is derived
by the following:
As gain is increased, the feedback resistor allows bandwidth
to be held constant over a wide gain range. For a more
complete explanation refer to application note OA-25 Stabil-
ity Analysis of Current-Feedback Amplifiers.
Resistors have varying parasitics that affect circuit perfor-
mance in high-speed design. For best results, use leaded
metal-film resistors or surface mount resistors. A SPICE
model for the CLC430 is available to simulate overall
circuit performance.
Enable / Disable Function
The CLC430 amplifier features an enable/disable function
that changes the output and inverting input from low to high
impedance. The pin 8 enable/disable logic levels are as
follows:
Vcc
±15V
±5V
Enable
>12.7V
>2.7V
Disable
<10.0V
<0.8V
The amplifier is enabled with pin 8 left open due to the 2k
Ω
pull-up resistor, shown in Fig. 1.
To CLC430
Bias network
2k
Ω
+Vcc
Pin 8 DISABLE
8k
Ω
-Vcc
Fig. 1 Pin 8 Equivalent Disable Circuit
Open-collector or CMOS interfaces are recommended to
drive pin 8. The turn-on and off time depends on the speed
of the digital interface.
The equivalent output impedance when disabled is shown
in Fig. 2. With Rg connected to ground, the sum of Rf and
Rg dominates and reduces the disabled output imped-
ance. To raise the output impedance in the disabled state,
connect the CLC430 as a unity-gain voltage follower by
removing Rg. Current-feedback op-amps need the recom-
mended Rf in a unity-gain follower circuit. For high density
circuit layouts consider using the dual CLC431 (with
disable) or the dual CLC432 (without disable).
Equivalent Impedance
in Disable
Rf
Vout
Rg
Vin
300k
Ω
8pF
+
-
Fig. 2 Equivalent Disabled Output Impedance
2nd and 3rd Harmonic Distortion
To meet low distortion requirements, recognize the effect
of the feedback resistor. Increasing the feedback resistor
will decrease the loop gain and increase distortion. De-
creasing the load impedance increases 3rd harmonic
distortion more than 2nd.
Differential Gain and Differential Phase
The CLC430 has low DG and DP errors for video applica-
tions. Add an external pulldown resistor to the CLC430’s
output to improve DG and DP as seen in Fig.3. A 604
ΩR
P
will improve DG and DP to 0.01% and 0.02°.
5
http://www.national.com
RA
f
v
=−
⋅
()
724
60
ΩΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com