Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 135Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 136Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 137Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 138Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 139Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 140Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 141Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 142Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 137
PIC16F87XA
12.2
Comparator Operation
A single comparator is shown in Figure 12-2 along with
the relationship between the analog input levels and
the digital output. When the analog input at VIN+ is less
than the analog input VIN-, the output of the comparator
is a digital low level. When the analog input at VIN+ is
greater than the analog input VIN-, the output of the
comparator is a digital high level. The shaded areas of
the output of the comparator in Figure 12-2 represent
the uncertainty due to input offsets and response time.
12.3
Comparator Reference
An external or internal reference signal may be used
depending on the comparator operating mode. The
analog signal present at VIN- is compared to the signal
at VIN+ and the digital output of the comparator is
adjusted accordingly (Figure 12-2).
FIGURE 12-2:
SINGLE COMPARATOR
12.3.1
EXTERNAL REFERENCE SIGNAL
When external voltage references are used, the
comparator module can be configured to have the com-
parators operate from the same or different reference
sources. However, threshold detector applications may
require the same reference. The reference signal must
be between VSS and VDD and can be applied to either
pin of the comparator(s).
12.3.2
INTERNAL REFERENCE SIGNAL
The comparator module also allows the selection of an
internally generated voltage reference for the compara-
tors. Section 13.0 “Comparator Voltage Reference
Module” contains a detailed description of the Compar-
ator Voltage Reference module that provides this signal.
The internal reference signal is used when comparators
are in mode, CM<2:0> = 110 (Figure 12-1). In this
mode, the internal voltage reference is applied to the
VIN+ pin of both comparators.
12.4
Comparator Response Time
Response time is the minimum time, after selecting a
new reference voltage or input source, before the com-
parator output has a valid level. If the internal reference
is changed, the maximum delay of the internal voltage
reference must be considered when using the compar-
ator outputs. Otherwise, the maximum delay of the
comparators should be used (Section 17.0 “Electrical
Characteristics”).
12.5
Comparator Outputs
The comparator outputs are read through the CMCON
register. These bits are read-only. The comparator
outputs may also be directly output to the RA4 and RA5
I/O pins. When enabled, multiplexors in the output path
of the RA4 and RA5 pins will switch and the output of
each pin will be the unsynchronized output of the com-
parator. The uncertainty of each of the comparators is
related to the input offset voltage and the response time
given in the specifications. Figure 12-3 shows the
comparator output block diagram.
The TRISA bits will still function as an output enable/
disable for the RA4 and RA5 pins while in this mode.
The polarity of the comparator outputs can be changed
using the C2INV and C1INV bits (CMCON<4:5>).
–
+
VIN+
VIN-
Output
VIN–
VIN+
Output
Output
VIN+
VIN-
Note 1: When reading the Port register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert an analog input according to the
Schmitt Trigger input specification.
2: Analog levels on any pin defined as a dig-
ital input may cause the input buffer to
consume more current than is specified.
3: RA4 is an open collector I/O pin. When
used as an output, a pull-up resistor is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com