Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 137Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 138Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 139Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 140Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 141Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 142Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 143Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 144Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 139
PIC16F87XA
12.7
Comparator Operation During
Sleep
When a comparator is active and the device is placed
in Sleep mode, the comparator remains active and the
interrupt is functional if enabled. This interrupt will
wake-up the device from Sleep mode when enabled.
While the comparator is powered up, higher Sleep
currents than shown in the power-down current
specification will occur. Each operational comparator
will consume additional current as shown in the com-
parator specifications. To minimize power consumption
while in Sleep mode, turn off the comparators,
CM<2:0> = 111, before entering Sleep. If the device
wakes up from Sleep, the contents of the CMCON
register are not affected.
12.8
Effects of a Reset
A device Reset forces the CMCON register to its Reset
state, causing the comparator module to be in the
Comparator Off mode, CM<2:0> = 111. This ensures
compatibility to the PIC16F87X devices.
12.9
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 12-4. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input, therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latch-up condition may
occur. A maximum source impedance of 10 k
Ω is rec-
ommended for the analog sources. Any external com-
ponent connected to an analog input pin, such as a
capacitor or a Zener diode, should have very little
leakage current.
FIGURE 12-4:
ANALOG INPUT MODEL
VA
RS < 10K
AIN
CPIN
5 pF
VDD
VT = 0.6 V
VT = 0.6 V
RIC
ILEAKAGE
±500 nA
VSS
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE = Leakage Current at the pin due to various junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com