Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/P Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 25Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 26Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 27Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 28Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 29Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 30Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 31Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 32Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 27
PIC16F87XA
2.2.2.6
PIE2 Register
The PIE2 register contains the individual enable bits for
the CCP2 peripheral interrupt, the SSP bus collision
interrupt, EEPROM write operation interrupt and the
comparator interrupt.
REGISTER 2-6:
PIE2 REGISTER (ADDRESS 8Dh)
Note:
Bit PEIE (INTCON<6>) must be set to
enable any peripheral interrupt.
U-0
R/W-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
—CMIE
—
EEIE
BCLIE
—
—
CCP2IE
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
CMIE: Comparator Interrupt Enable bit
1
= Enables the comparator interrupt
0
= Disable the comparator interrupt
bit 5
Unimplemented: Read as ‘0’
bit 4
EEIE: EEPROM Write Operation Interrupt Enable bit
1
= Enable EEPROM write interrupt
0
= Disable EEPROM write interrupt
bit 3
BCLIE: Bus Collision Interrupt Enable bit
1
= Enable bus collision interrupt
0
= Disable bus collision interrupt
bit 2-1
Unimplemented: Read as ‘0’
bit 0
CCP2IE: CCP2 Interrupt Enable bit
1
= Enables the CCP2 interrupt
0
= Disables the CCP2 interrupt
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com