Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 44Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 45Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 46Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 47Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 48Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 49Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 50Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 51Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 234 page
background image
PIC16F87XA
DS39582B-page 46
 2003 Microchip Technology Inc.
4.3
PORTC and the TRISC Register
PORTC is an 8-bit wide, bidirectional port. The corre-
sponding data direction register is TRISC. Setting a
TRISC bit (= 1) will make the corresponding PORTC
pin an input (i.e., put the corresponding output driver in
a High-Impedance mode). Clearing a TRISC bit (= 0)
will make the corresponding PORTC pin an output (i.e.,
put the contents of the output latch on the selected pin).
PORTC is multiplexed with several peripheral functions
(Table 4-5). PORTC pins have Schmitt Trigger input
buffers.
When the I2C module is enabled, the PORTC<4:3>
pins can be configured with normal I2C levels, or with
SMBus levels, by using the CKE bit (SSPSTAT<6>).
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTC pin. Some
peripherals override the TRIS bit to make a pin an
output, while other peripherals override the TRIS bit to
make a pin an input. Since the TRIS bit override is in
effect while the peripheral is enabled, read-modify-
write instructions (BSF, BCF, XORWF) with TRISC as the
destination, should be avoided. The user should refer
to the corresponding peripheral section for the correct
TRIS bit settings.
FIGURE 4-6:
PORTC BLOCK DIAGRAM
(PERIPHERAL OUTPUT
OVERRIDE) RC<2:0>,
RC<7:5>
FIGURE 4-7:
PORTC BLOCK DIAGRAM
(PERIPHERAL OUTPUT
OVERRIDE) RC<4:3>
Port/Peripheral Select(2)
Data Bus
WR Port
WR TRIS
Data Latch
TRIS Latch
Schmitt
Trigger
Q
D
Q
CK
QD
EN
Peripheral Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
RD Port
Peripheral
OE(3)
Peripheral Input
I/O
pin(1)
Note 1: I/O pins have diode protection to VDD and VSS.
2: Port/Peripheral Select signal selects between port
data and peripheral output.
3: Peripheral OE (Output Enable) is only activated if
Peripheral Select is active.
RD TRIS
Port/Peripheral Select(2)
Data Bus
WR Port
WR TRIS
Data Latch
TRIS Latch
Schmitt
Trigger
Q
D
Q
CK
QD
EN
Peripheral Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
RD Port
Peripheral
OE(3)
SSP Input
I/O
pin(1)
Note 1: I/O pins have diode protection to VDD and VSS.
2: Port/Peripheral Select signal selects between port data
and peripheral output.
3: Peripheral OE (Output Enable) is only activated if
Peripheral Select is active.
0
1
CKE
SSPSTAT<6>
Schmitt
Trigger
with
SMBus
Levels
RD TRIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com