Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/P Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 43Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 44Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 45Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 46Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 47Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 48Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 49Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 50Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 45
PIC16F87XA
TABLE 4-3:
PORTB FUNCTIONS
TABLE 4-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0/INT
bit 0
TTL/ST(1)
Input/output pin or external interrupt input. Internal software programmable
weak pull-up.
RB1
bit 1
TTL
Input/output pin. Internal software programmable weak pull-up.
RB2
bit 2
TTL
Input/output pin. Internal software programmable weak pull-up.
RB3/PGM(3)
bit 3
TTL
Input/output pin or programming pin in LVP mode. Internal software
programmable weak pull-up.
RB4
bit 4
TTL
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up.
RB5
bit 5
TTL
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up.
RB6/PGC
bit 6
TTL/ST(2)
Input/output pin (with interrupt-on-change) or in-circuit debugger pin.
Internal software programmable weak pull-up. Serial programming clock.
RB7/PGD
bit 7
TTL/ST(2)
Input/output pin (with interrupt-on-change) or in-circuit debugger pin.
Internal software programmable weak pull-up. Serial programming data.
Legend:
TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode or in-circuit debugger.
3:
Low-Voltage ICSP Programming (LVP) is enabled by default which disables the RB3 I/O function. LVP
must be disabled to enable RB3 as an I/O pin and allow maximum compatibility to the other 28-pin and
40-pin mid-range devices.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
06h, 106h PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0 xxxx xxxx uuuu uuuu
86h, 186h TRISB
PORTB Data Direction Register
1111 1111 1111 1111
81h, 181h OPTION_REG RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0 1111 1111 1111 1111
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com