Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 17Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 18Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 19Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 20Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 21Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 22Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 23Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 24Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 19
PIC16F87XA
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral modules for controlling the
desired operation of the device. These registers are
implemented as static RAM. A list of these registers is
given in Table 2-1.
The Special Function Registers can be classified into
two sets: core (CPU) and peripheral. Those registers
associated with the core functions are described in
detail in this section. Those related to the operation of
the peripheral features are described in detail in the
peripheral features section.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on page:
Bank 0
00h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 31, 150
01h
TMR0
Timer0 Module Register
xxxx xxxx
55, 150
02h(3)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
30, 150
03h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
22, 150
04h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31, 150
05h
PORTA
—
—
PORTA Data Latch when written: PORTA pins when read
--0x 0000
43, 150
06h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
45, 150
07h
PORTC
PORTC Data Latch when written: PORTC pins when read
xxxx xxxx
47, 150
08h(4)
PORTD
PORTD Data Latch when written: PORTD pins when read
xxxx xxxx
48, 150
09h(4)
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -xxx
49, 150
0Ah(1,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30, 150
0Bh(3)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
24, 150
0Ch
PIR1
PSPIF(3)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
26, 150
0Dh
PIR2
—CMIF
—EEIF
BCLIF
—
—CCP2IF
-0-0 0--0
28, 150
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
60, 150
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
60, 150
10h
T1CON
—
—
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS TMR1ON --00 0000 57, 150
11h
TMR2
Timer2 Module Register
0000 0000
62, 150
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0
TMR2ON
T2CKPS1 T2CKPS0 -000 0000 61, 150
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
79, 150
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
82, 82,
150
15h
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx
63, 150
16h
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx
63, 150
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0 --00 0000 64, 150
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
112, 150
19h
TXREG
USART Transmit Data Register
0000 0000
118, 150
1Ah
RCREG
USART Receive Data Register
0000 0000
118, 150
1Bh
CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx
63, 150
1Ch
CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx
63, 150
1Dh
CCP2CON
—
—
CCP2X
CCP2Y
CCP2M3
CCP2M2
CCP2M1
CCP2M0 --00 0000 64, 150
1Eh
ADRESH
A/D Result Register High Byte
xxxx xxxx
133, 150
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
127, 150
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose
contents are transferred to the upper byte of the program counter.
2:
Bits PSPIE and PSPIF are reserved on PIC16F873A/876A devices; always maintain these bits clear.
3:
These registers can be addressed from any bank.
4:
PORTD, PORTE, TRISD and TRISE are not implemented on PIC16F873A/876A devices, read as ‘0’.
5:
Bit 4 of EEADRH implemented only on the PIC16F876A/877A devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com