Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/P Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 18Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 19Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 20Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 21Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 22Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 23Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 24Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 25Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
PIC16F87XA
DS39582B-page 20
 2003 Microchip Technology Inc.
Bank 1
80h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 31, 150
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
23, 150
82h(3)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
30, 150
83h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
22, 150
84h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31, 150
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
43, 150
86h
TRISB
PORTB Data Direction Register
1111 1111
45, 150
87h
TRISC
PORTC Data Direction Register
1111 1111
47, 150
88h(4)
TRISD
PORTD Data Direction Register
1111 1111
48, 151
89h(4)
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction bits
0000 -111
50, 151
8Ah(1,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30, 150
8Bh(3)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
24, 150
8Ch
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE 0000 0000 25, 151
8Dh
PIE2
—CMIE
—
EEIE
BCLIE
—
—
CCP2IE
-0-0 0--0
27, 151
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
29, 151
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
83, 151
92h
PR2
Timer2 Period Register
1111 1111
62, 151
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
79, 151
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
79, 151
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
111, 151
99h
SPBRG
Baud Rate Generator Register
0000 0000
113, 151
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
135, 151
9Dh
CVRCON
CVREN
CVROE
CVRR
—
CVR3
CVR2
CVR1
CVR0
000- 0000
141, 151
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
133, 151
9Fh
ADCON1
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
00-- 0000
128, 151
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose
contents are transferred to the upper byte of the program counter.
2:
Bits PSPIE and PSPIF are reserved on PIC16F873A/876A devices; always maintain these bits clear.
3:
These registers can be addressed from any bank.
4:
PORTD, PORTE, TRISD and TRISE are not implemented on PIC16F873A/876A devices, read as ‘0’.
5:
Bit 4 of EEADRH implemented only on the PIC16F876A/877A devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com