Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5644 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5644
Description  Low-Power, Low-Cost, Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5644 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5644 Datasheet HTML 1Page - National Semiconductor (TI) CLC5644 Datasheet HTML 2Page - National Semiconductor (TI) CLC5644 Datasheet HTML 3Page - National Semiconductor (TI) CLC5644 Datasheet HTML 4Page - National Semiconductor (TI) CLC5644 Datasheet HTML 5Page - National Semiconductor (TI) CLC5644 Datasheet HTML 6Page - National Semiconductor (TI) CLC5644 Datasheet HTML 7Page - National Semiconductor (TI) CLC5644 Datasheet HTML 8Page - National Semiconductor (TI) CLC5644 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC-VEE)
+14V
Output Current
95mA
Common-Mode Input Voltage
V
EE to VCC
Maximum Junction Temperature
+150˚C
Storage TemperatureRange
−65˚C to +150˚C
Lead Temperature (soldering 10 sec)
+300˚C
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(θJA)
MDIP
60˚C/W
110˚C/W
SOIC
55˚C/W
125˚C/W
Electrical Characteristics
(A
V = +2, Rf =1.65kΩ,RL =100Ω,VS = ±5V, unless specified)
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
Ambient Temperature
CLC5644IN/IM
+25˚C
+25˚C
−40 to
85˚C
Frequency Domain Response
-3dB Bandwidth
A
V = 1
170
–
–
MHz
V
O < 0.5VPP
125
–
–
MHz
V
O < 5VPP
50
–
–
MHz
−0.1dB Bandwidth
25
–
–
MHz
Differential Gain
NTSC, R
L = 150Ω
0.04
dB
Differential Phase
NTSC, R
L = 150Ω
0.07
dB
Time Domain Response
Rise and Fall Time
0.5V Step
2.7
–
–
ns
5V Step
7
–
–
ns
Settling Time to 0.01%
1V Step
16
–
–
ns
Overshoot
0.5V Step
4
–
–
%
Slew Rate
1000
–
–
V/µs
Distortion And Noise Response
2nd Harmonic Distortion
2V
PP,1MHz
−72
–
–
dBc
3rd Harmonic Distortion
2V
PP,1MHz
−79
–
–
dBc
Equivalent Input Noise
Voltage (e
ni)
>1MHz
4.5
–
–
nV/
Non-Inverting Current (i
bn)
>1MHz
1.5
–
–
pA/
Inverting Current (i
bi)
>1MHz
10
–
–
pA/
Crosstalk (Input Referred)
10MHz
76
–
–
dB
Static, DC Performance
Input Offset Voltage (Note 3)
2.5
7
15
mV
Average Drift
25
–
90
µV/˚C
Input Bias Current
(Non-Inverting)(Note 3)
2
6
10
µA
Average Drift
15
–
80
nA/˚C
Input Bias Current
(Inverting)(Note 3)
2.5
7.5
22
µA
Average Drift
24
–
150
nA/˚C
Power Supply Rejection Ratio
DC
50
46
44
dB
Common Mode Rejection Ratio
DC
50
45
43
dB
Supply Current (per
amplifier)(Note 3)
R
L = ∞
2.5
3
3
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com