Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5644 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5644
Description  Low-Power, Low-Cost, Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5644 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5644 Datasheet HTML 1Page - National Semiconductor (TI) CLC5644 Datasheet HTML 2Page - National Semiconductor (TI) CLC5644 Datasheet HTML 3Page - National Semiconductor (TI) CLC5644 Datasheet HTML 4Page - National Semiconductor (TI) CLC5644 Datasheet HTML 5Page - National Semiconductor (TI) CLC5644 Datasheet HTML 6Page - National Semiconductor (TI) CLC5644 Datasheet HTML 7Page - National Semiconductor (TI) CLC5644 Datasheet HTML 8Page - National Semiconductor (TI) CLC5644 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics (Continued)
(A
V = +2, Rf =1.65kΩ,RL =100Ω,VS = ±5V, unless specified)
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
Miscellaneous Performance
Input Resistance (Non-Inverting)
2
1
0.5
M
Ω
Input Capacitance
(Non-Inverting)
122
pF
Common-Mode Input Range
±2.2
±2.0
±1.4
V
Output Voltage Range
R
L = 150Ω
±2.8
±2.6
±2.5
V
Output Current
70
50
30
mA
Output Resistance, Closed Loop
DC
0.2
0.3
0.6
m
Ω
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: AJ-level: spec. is 100% tested at +25˚C.
Typical Performance Characteristics (A
V = +2, Rf = 1.65kΩ,RL = 100Ω,VS = +5V)
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-45
0
-90
-225
-135
-180
Gain
Phase
Vo = 0.25Vpp
Av = +1
Rf = 6.98kΩ
Av = +2
Rf = 1.65kΩ
Av = +5
Rf = 499Ω
Av = +10
Rf = 249Ω
DS015009-5
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-225
-180
-135
-90
-45
0
45
-270
-405
-315
-360
Gain
Phase
Vo = 0.25Vpp
Av = -1
Rf = 1.1kΩ
Av = -2
Rf = 887Ω
Av = -5
Rf = 422Ω
Av = -10
Rf = 294Ω
DS015009-6
Frequency Response vs. R
L
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 5Vpp
RL = 25Ω
RL = 100Ω
RL = 1kΩ
1000M
DS015009-7
Frequency Response vs. V
O
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 4Vpp
Vo = 0.1Vpp
Vo = 1Vpp
DS015009-8
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com