Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5644 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5644
Description  Low-Power, Low-Cost, Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5644 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5644 Datasheet HTML 1Page - National Semiconductor (TI) CLC5644 Datasheet HTML 2Page - National Semiconductor (TI) CLC5644 Datasheet HTML 3Page - National Semiconductor (TI) CLC5644 Datasheet HTML 4Page - National Semiconductor (TI) CLC5644 Datasheet HTML 5Page - National Semiconductor (TI) CLC5644 Datasheet HTML 6Page - National Semiconductor (TI) CLC5644 Datasheet HTML 7Page - National Semiconductor (TI) CLC5644 Datasheet HTML 8Page - National Semiconductor (TI) CLC5644 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CLC5644
Low Power, Low Cost, Quad Operational Amplifier
General Description
The CLC5644 is a quad, current feedback operational am-
plifier that is perfect for many cost sensitive applications that
require high performance, especially when power dissipation
is critical. Not only does the CLC5644 offer excellent
economy in board space, but has an excellent performance
vs power tradeoff which yields a 170MHz Small Signal Band-
width while dissipating only 25mW. Applications requiring
significant density of high speed devices such as video
routers, matrix switches and high order active filters will
benefit from the configuration of the CLC5644 and the low
channel-to-channel crosstalk of 76dB at 1MHz.
The CLC5644 provides excellent performance for video ap-
plications. Differential gain and phase of 0.04% and 0.07˚
makes this device well suited for many professional compos-
ite video systems, but consumer applications will also be
able to take advantage of these features due to the device’s
low cost. The CLC5644 offers superior dynamic perfor-
mance with a small signal bandwidth of 170MHz and slew
rate of 1000V/µs. These attributes are well suited for many
component video applications such as driving RGB signals
down significant lengths of cable. These and many other
applications can also take advantage of the 0.1dB flatness to
25MHz.
Combining wide bandwidth with low cost makes the
CLC5644 an attractive option for active filters. SAW filters
are often used in IF filters in the 10’s of MHz range, but
higher order filters designed around a quad operational am-
plifier may offer an economical alternative to the typical SAW
approach and offer greater freedom in the selection of filter
parameters. National Semiconductor’s Comlinear Products
Group has published a wide array of literature on active
filters and a list of these publications can be found on the last
page of this datasheet.
Features
n
170MHz small signal bandwidth
n
1000 V/us slew rate
n
2.5mA/channel supply current
n
−72/−79dBc HD2/HD3 (5MHz)
n
0.04%, 0.07˚ differential gain, phase
n
70mA output current
n
16ns settling to 0.1%
Applications
n
Portable equipment
n
Video switchers & routers
n
Video line driver
n
Active filters
n
IF amplifier
n
Twisted pair driver/receiver
Connection Diagram
Non-Inverting Frequency Response
DS015009-1
DS015009-4
Pinout
DIP & SOIC
July 2001
© 2001 National Semiconductor Corporation
DS015009
www.national.com


Similar Part No. - CLC5644

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IM NSC-CLC5602IM Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IMX NSC-CLC5602IMX Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IN NSC-CLC5602IN Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
More results

Similar Description - CLC5644

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com