Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5644 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5644
Description  Low-Power, Low-Cost, Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5644 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CLC5644 Datasheet HTML 1Page - National Semiconductor (TI) CLC5644 Datasheet HTML 2Page - National Semiconductor (TI) CLC5644 Datasheet HTML 3Page - National Semiconductor (TI) CLC5644 Datasheet HTML 4Page - National Semiconductor (TI) CLC5644 Datasheet HTML 5Page - National Semiconductor (TI) CLC5644 Datasheet HTML 6Page - National Semiconductor (TI) CLC5644 Datasheet HTML 7Page - National Semiconductor (TI) CLC5644 Datasheet HTML 8Page - National Semiconductor (TI) CLC5644 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Division
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
•
Independence of AC bandwidth and voltage gain
•
Inherently stable at unity gain
•
Adjustable frequency response with R
f
•
High slew rate
•
Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
V
V
A
1
R
Zj
o
i
v
f
=
+ ()ω
(1)
where:
A
v is the closed loop DC voltage gain
R
f is the feedback resistor
Z(j
ω) is the open loop transimpedance gain
The denominator of Equation 1 is approximately equal to 1 at
low frequencies. Near the −3dB corner frequency, the inter-
action between R
f and Z(jω) dominates the circuit perfor-
mance. The value of the feedback resistor has a large affect
on the circuits performance. Increasing R
f has the following
affects:
•
Decreases loop gain
•
Decreases bandwidth
•
Reduces gain peaking
•
Lowers pulse response overshoot
•
Affects frequency response phase linearity
Layout Considerations
A proper printed circuit layout is essential for achieving high
frequency performance. National provides evaluation boards
for the CLC5644 (CLC730024-DIP, CLC730031-SOIC) and
suggests their use as a guide for high frequency layout and
as an aid for device testing and characterization. General
layout and supply bypassing play major roles in high fre-
quency performance. Follow these steps below as a basis
for high frequency layout:
•
Include 6.8µF tantalum and 0.1µF ceramic capacitors on
both supplies.
•
Place the 6.8µF capacitors within 0.75 inches of the
power pins.
•
Place the 0.1µF capacitors less than 0.1 inches from the
power pins.
•
Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance.
•
Minimize all trace lengths to reduce series inductances.
•
Use flush-mount printed circuit board pins for prorotyp-
ing, never use high profile DIP sockets.
Active Filter Application Notes
OA-21 Simplified Component Pre-Distortion for High Speed
Active Filters
OA-26 Designing High-Speed Active Filters
OA-27 Low-Sensitivity, Lowpass Filter Design
OA-28 Low-Sensitivity, Bandpass Filter Design with Tuning
Method
OA-29 Low-Sensitivity, Highpass Filter Design with Parasitic
Compensation
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com