Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5644 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5644
Description  Low-Power, Low-Cost, Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5644 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5644 Datasheet HTML 1Page - National Semiconductor (TI) CLC5644 Datasheet HTML 2Page - National Semiconductor (TI) CLC5644 Datasheet HTML 3Page - National Semiconductor (TI) CLC5644 Datasheet HTML 4Page - National Semiconductor (TI) CLC5644 Datasheet HTML 5Page - National Semiconductor (TI) CLC5644 Datasheet HTML 6Page - National Semiconductor (TI) CLC5644 Datasheet HTML 7Page - National Semiconductor (TI) CLC5644 Datasheet HTML 8Page - National Semiconductor (TI) CLC5644 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics (A
V = +2, Rf = 1.65kΩ,RL = 100Ω,VS = +5V) (Continued)
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
Vo = 2Vpp
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
DS015009-9
2nd & 3rd Harmonic Distortion, R
L =25Ω
Output Amplitude (Vpp)
01
2
-80
-70
-60
-50
-40
-30
3rd = 1MHz
2nd = 1MHz
2nd = 10MHz
3rd = 10MHz
DS015009-10
2nd & 3rd Harmonic Distortion, R
L = 100Ω
DS015009-11
2nd & 3rd Harmonic Distortion, R
L =1kΩ
DS015009-12
Small Signal Pulse Response
DS015009-13
Large Signal Pulse Response
Time (20ns/div)
DS015009-14
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com